Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD31C Datasheet (PDF) - Nexperia B.V. All rights reserved

MJD31C Datasheet PDF - Nexperia B.V. All rights reserved
Part # MJD31C
Download  MJD31C Download
File Size   230.43 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 100 V, 3 A NPN high power bipolar transistor

MJD31C Datasheet (PDF)

Go To PDF Page Download Datasheet
MJD31C Datasheet PDF - Nexperia B.V. All rights reserved

Part # MJD31C
Download  MJD31C Click to download

File Size   230.43 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 100 V, 3 A NPN high power bipolar transistor

MJD31C Datasheet (HTML) - Nexperia B.V. All rights reserved


MJD31C Product details

1. General description
NPN high power bipolar transistor in a power DPAK, TO-252 (SOT428C) Surface-Mounted Device
(SMD) plastic package.
PNP complement: MJD32C

2. Features and benefits
• High thermal power dissipation capability
• High energy efficiency due to less heat generation
• Electrically similar to popular MJD31 series
• Low collector emitter saturation voltage
• Fast switching speeds

3. Applications
• Power management
• Load switch
• Linear mode voltage regulator
• Constant current drive backlighting application
• Motor drive
• Relay replacement




Similar Part No. - MJD31C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD31C ONSEMI-MJD31C Datasheet
150Kb / 6P
SILICON POWER TRANSISTORS
1998
logo
STMicroelectronics
MJD31C STMICROELECTRONICS-MJD31C Datasheet
65Kb / 5P
COMPLEMENTARY SILICON POWER TRANSISTORS
May-1999
logo
Fairchild Semiconductor
MJD31C FAIRCHILD-MJD31C Datasheet
49Kb / 5P
General Purpose Amplifier Low Speed Switching Applications
logo
ON Semiconductor
MJD31C ONSEMI-MJD31C Datasheet
81Kb / 8P
Complementary Power Transistors
June, 2005 ??Rev. 6
logo
STMicroelectronics
MJD31C STMICROELECTRONICS-MJD31C Datasheet
243Kb / 9P
Low voltage NPN power transistor
20-Apr-2007
More results


Similar Description - MJD31C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHPT61006NY NXP-PHPT61006NY Datasheet
239Kb / 15P
100 V, 6 A NPN high power bipolar transistor
26 January 2015
PHPT61010NY NXP-PHPT61010NY Datasheet
242Kb / 16P
100 V, 10 A NPN high power bipolar transistor
20 March 2015
logo
Nexperia B.V. All right...
PHPT61003NY NEXPERIA-PHPT61003NY Datasheet
732Kb / 17P
100 V, 3 A NPN high power bipolar transistor
PHPT61002NYCLH NEXPERIA-PHPT61002NYCLH Datasheet
249Kb / 15P
100 V, 2 A NPN high power bipolar transistor
MJD31CH-Q NEXPERIA-MJD31CH-Q Datasheet
226Kb / 11P
100 V, 3 A NPN high power bipolar transistor
18 May 2021
MJD41C NEXPERIA-MJD41C Datasheet
229Kb / 11P
100 V, 6 A NPN high power bipolar transistor
10 May 2021
MJD41C-Q NEXPERIA-MJD41C-Q Datasheet
222Kb / 10P
100 V, 6 A NPN high power bipolar transistor
17 May 2021
MJD31CA NEXPERIA-MJD31CA Datasheet
231Kb / 11P
100 V, 3 A NPN high power bipolar transistor
23 November 2020
PHPT61006NY NEXPERIA-PHPT61006NY Datasheet
717Kb / 15P
100 V, 6 A NPN high power bipolar transistor
26 January 2015
PHPT61010NY NEXPERIA-PHPT61010NY Datasheet
720Kb / 16P
100 V, 10 A NPN high power bipolar transistor
20 March 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com