Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD32C Datasheet (PDF) - Nexperia B.V. All rights reserved

MJD32C Datasheet PDF - Nexperia B.V. All rights reserved
Part # MJD32C
Download  MJD32C Download
File Size   230.35 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 100 V, 3 A PNP high power bipolar transistor

MJD32C Datasheet (PDF)

Go To PDF Page Download Datasheet
MJD32C Datasheet PDF - Nexperia B.V. All rights reserved

Part # MJD32C
Download  MJD32C Click to download

File Size   230.35 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 100 V, 3 A PNP high power bipolar transistor

MJD32C Datasheet (HTML) - Nexperia B.V. All rights reserved


MJD32C Product details

1. General description
PNP high power bipolar transistor in a power DPAK, TO-252 (SOT428C) Surface-Mounted Device
(SMD) plastic package.
NPN complement: MJD31C

2. Features and benefits
• High thermal power dissipation capability
• High energy efficiency due to less heat generation
• Electrically similar to popular MJD32 series
• Low collector emitter saturation voltage
• Fast switching speeds

3. Applications
• Power management
• Load switch
• Linear mode voltage regulator
• Constant current drive backlighting application
• Motor drive
• Relay replacement




Similar Part No. - MJD32C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MJD32C ONSEMI-MJD32C Datasheet
150Kb / 6P
SILICON POWER TRANSISTORS
1998
logo
STMicroelectronics
MJD32C STMICROELECTRONICS-MJD32C Datasheet
65Kb / 5P
COMPLEMENTARY SILICON POWER TRANSISTORS
May-1999
logo
Fairchild Semiconductor
MJD32C FAIRCHILD-MJD32C Datasheet
49Kb / 5P
General Purpose Amplifier Low Speed Switching Applications D-PAK for Surface Mount Applications
logo
ON Semiconductor
MJD32C ONSEMI-MJD32C Datasheet
81Kb / 8P
Complementary Power Transistors
June, 2005 ??Rev. 6
logo
STMicroelectronics
MJD32C STMICROELECTRONICS-MJD32C Datasheet
173Kb / 9P
Low voltage PNP power transistor
25-Jun-2007
More results


Similar Description - MJD32C

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHPT61006PY NXP-PHPT61006PY Datasheet
237Kb / 16P
100 V, 6 A PNP high power bipolar transistor
21 January 2015
PHPT61010PY NXP-PHPT61010PY Datasheet
239Kb / 16P
100 V, 10 A PNP high power bipolar transistor
20 March 2015
logo
Nexperia B.V. All right...
PHPT61002PYCLH NEXPERIA-PHPT61002PYCLH Datasheet
261Kb / 15P
100 V, 2 A PNP high power bipolar transistor
PHPT61002PYC NEXPERIA-PHPT61002PYC Datasheet
718Kb / 15P
100 V, 2 A PNP high power bipolar transistor
PHPT60603PY NEXPERIA-PHPT60603PY Datasheet
735Kb / 15P
60 V, 3 A PNP high power bipolar transistor
MJD42C NEXPERIA-MJD42C Datasheet
230Kb / 11P
100 V, 6 A PNP high power bipolar transistor
10 May 2021
MJD42C-Q NEXPERIA-MJD42C-Q Datasheet
223Kb / 10P
100 V, 6 A PNP high power bipolar transistor
8 June 2021
MJD32CA NEXPERIA-MJD32CA Datasheet
230Kb / 11P
100 V, 3 A PNP high power bipolar transistor
23 November 2020
PHPT61006PY NEXPERIA-PHPT61006PY Datasheet
717Kb / 16P
100 V, 6 A PNP high power bipolar transistor
21 January 2015
PHPT61010PY NEXPERIA-PHPT61010PY Datasheet
719Kb / 16P
100 V, 10 A PNP high power bipolar transistor
20 March 2015
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com