Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S-576ZB Datasheet (PDF) - ABLIC Inc.

S-576ZB Datasheet PDF - ABLIC Inc.
Part # S-576ZB
Download  S-576ZB Download
File Size   877.07 Kbytes
Page   38 Pages
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.
Description 125°C OPERATION, HIGH-WITHSTAND VOLTAGE, HIGH-SPEED, ZCLTM HALL EFFECT IC

S-576ZB Datasheet (PDF)

Go To PDF Page Download Datasheet
S-576ZB Datasheet PDF - ABLIC Inc.

Part # S-576ZB
Download  S-576ZB Click to download

File Size   877.07 Kbytes
Page   38 Pages
Manufacturer  ABLIC [ABLIC Inc.]
Direct Link  https://www.ablic.com
Logo ABLIC - ABLIC Inc.
Description 125°C OPERATION, HIGH-WITHSTAND VOLTAGE, HIGH-SPEED, ZCLTM HALL EFFECT IC

S-576ZB Datasheet (HTML) - ABLIC Inc.


S-576ZB Product details

This IC, developed by CMOS technology, is a high-accuracy Hall effect IC that operates with high temperature and high-withstand voltage. The IC switches output voltage level when the IC detects magnetic flux density (magnetic field) polarity changes. The ZCL (Zero Crossing Latch) detection method realizes polarity changes detection with the higher accuracy than the conventional bipolar latch method. Using this IC with a magnet makes it possible to detect the rotation status in various devices. ABLIC Inc. offers a "magnetic simulation service" that provides the ideal combination of magnets and our Hall effect ICs for customer systems. Our magnetic simulation service will reduce prototype production, development period and development costs. In addition, it will contribute to optimization of parts to realize high cost performance. For more information regarding our magnetic simulation service, contact our sales representatives.

Features
• Uses a thin (t0.80 mm max.) TSOT-23-3S or ultra-thin (t0.50 mm max.) HSNT-6(2025) package, allowing for device
miniaturization
• Contributes to reduction of mechanism operation dispersion through high accuracy detection of magnetic flux density
(magnetic field) polarity changes
• Contributes to device safe design with a built-in output current limit circuit

Applications
• DC brushless motor
• Home appliance
• Housing equipment
• Industrial equipment




Similar Part No. - S-576ZB

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-5701-B ABLIC-S-5701-B Datasheet
530Kb / 23P
125°C OPERATION, SUPER LOW CURRENT CONSUMPTION, LOW VOLTAGE OPERATION, OMNIPOLAR DETECTION TYPE TMR MAGNETIC SENSOR IC
Rev.1.1_00
S-5701BC10-L3T2U5 ABLIC-S-5701BC10-L3T2U5 Datasheet
530Kb / 23P
125°C OPERATION, SUPER LOW CURRENT CONSUMPTION, LOW VOLTAGE OPERATION, OMNIPOLAR DETECTION TYPE TMR MAGNETIC SENSOR IC
Rev.1.1_00
S-5701BC10B-L3T2U5 ABLIC-S-5701BC10B-L3T2U5 Datasheet
530Kb / 23P
125°C OPERATION, SUPER LOW CURRENT CONSUMPTION, LOW VOLTAGE OPERATION, OMNIPOLAR DETECTION TYPE TMR MAGNETIC SENSOR IC
Rev.1.1_00
S-5701BC11-L3T2U5 ABLIC-S-5701BC11-L3T2U5 Datasheet
530Kb / 23P
125°C OPERATION, SUPER LOW CURRENT CONSUMPTION, LOW VOLTAGE OPERATION, OMNIPOLAR DETECTION TYPE TMR MAGNETIC SENSOR IC
Rev.1.1_00
S-5701BC11B-L3T2U5 ABLIC-S-5701BC11B-L3T2U5 Datasheet
530Kb / 23P
125°C OPERATION, SUPER LOW CURRENT CONSUMPTION, LOW VOLTAGE OPERATION, OMNIPOLAR DETECTION TYPE TMR MAGNETIC SENSOR IC
Rev.1.1_00
More results


Similar Description - S-576ZB

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5732NSL1I-Y3N2U SII-S-5732NSL1I-Y3N2U Datasheet
1Mb / 21P
HIGH-WITHSTAND VOLTAGE HIGH-SPEED
S-5741NBL0B-M3T4U SII-S-5741NBL0B-M3T4U Datasheet
1Mb / 19P
HIGH-WITHSTAND VOLTAGE HIGH-SPEED
S-5742NBL0I-Y3N2U SII-S-5742NBL0I-Y3N2U Datasheet
1Mb / 21P
HIGH-WITHSTAND VOLTAGE HIGH-SPEED
S-57A1-A SII-S-57A1-A Datasheet
1Mb / 17P
FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE HIGH-SPEED UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC
S-57B1 SII-S-57B1 Datasheet
1Mb / 20P
OPERATION HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
S-57K1-A SII-S-57K1-A Datasheet
1Mb / 17P
FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE HIGH-SPEED BIPOLAR HALL EFFECT LATCH IC
S-57P1-S SII-S-57P1-S Datasheet
1Mb / 17P
FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE HIGH-SPEED BIPOLAR HALL EFFECT LATCH IC
S5712E SII-S5712E Datasheet
1Mb / 31P
HIGH-SPEED LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC
S5724 SII-S5724 Datasheet
1Mb / 29P
LOW VOLTAGE OPERATION HIGH-SPEED BIPOLAR HALL EFFECT LATCH
logo
Allegro MicroSystems
A19420 ALLEGRO-A19420 Datasheet
920Kb / 11P
High-Accuracy Hall-Effect Transmission Speed Sensor IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com