Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMA036AA Datasheet (PDF) - Microsemi Corporation

MMA036AA Datasheet PDF - Microsemi Corporation
Part # MMA036AA
Download  MMA036AA Download
File Size   504.97 Kbytes
Page   7 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description DC to 65GHz Broadband MMIC Low-Noise Amplifier with PLFX

MMA036AA Datasheet (PDF)

Go To PDF Page Download Datasheet
MMA036AA Datasheet PDF - Microsemi Corporation

Part # MMA036AA
Download  MMA036AA Click to download

File Size   504.97 Kbytes
Page   7 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description DC to 65GHz Broadband MMIC Low-Noise Amplifier with PLFX

MMA036AA Datasheet (HTML) - Microsemi Corporation


MMA036AA Product details

Features
• Integrated PLFX technology:
▪ Allows use of less-expensive coil
• Very low power dissipation:
▪ 4.5V, 85mA (383mW)
▪ High drain efficiency (38dBm/W)
• Great 0.04-50GHz performance:
▪ 10.5 ± 1.25dB gain
▪ 14.5dBm Psat, 11dBm P1dB
▪ 5dB noise figure
• >30dB dynamic gain control
• Integrated temperature-referenced
power detector output
• 100% DC, RF, and visually tested
• Size: 1640x920um (64.6x36.2mil)
• ECCN 3A001.b.2.d

Description
The MMA036AA is a seven stage traveling wave amplifier. The amplifier features Microsemi PLFX (Passive Low Frequency eXtension) circuitry designed
to reduce the integration cost of the amplifier.
PLFX isolates the amplifier from bias
inductor resonances, allowing use
of a less-expensive coil.

Application
The MMA036AA Broadband MMIC Low-Noise Amplifier with PLFX is designed for high efficiency and low-noise broadband applications in RF and microwave communications, test equipment and
military systems. By using specific external components, the bandwidth of operation can be extended below 40MHz.




Similar Part No. - MMA036AA

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MMA034AA MICROSEMI-MMA034AA Datasheet
532Kb / 6P
DC to 65GHz Broadband MMIC Medium-Power Amplifier with PLFX
Rev C
More results


Similar Description - MMA036AA

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
NBB-312 RFMD-NBB-312_06 Datasheet
183Kb / 8P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NBB-312 RFMD-NBB-312_1 Datasheet
310Kb / 8P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
logo
United Monolithic Semic...
CHA2159 UMS-CHA2159 Datasheet
203Kb / 6P
55-65GHz Low Noise / Medium Power Amplifier
logo
RF Micro Devices
NLB-310 RFMD-NLB-310_13 Datasheet
1Mb / 9P
Cascadable Broadband GaAs MMIC Amplifier DC to 10GHz
logo
United Monolithic Semic...
CHA2159 UMS-CHA2159_15 Datasheet
136Kb / 6P
55-65GHz Low Noise / Medium Power Amplifier
logo
Infineon Technologies A...
BGB741L7ESD INFINEON-BGB741L7ESD_12 Datasheet
1Mb / 22P
Robust Low Noise Broadband RF Amplifier MMIC
Revision 2.0, 2012-09-10
logo
AVAGO TECHNOLOGIES LIMI...
MGA-21108 AVAGO-MGA-21108 Datasheet
1Mb / 21P
Broadband Fully Integrated Matched Low-Noise Amplifier MMIC
logo
Broadcom Corporation.
MGA-21108 BOARDCOM-MGA-21108 Datasheet
1Mb / 21P
Broadband Fully Integrated Matched Low-Noise Amplifier MMIC
logo
Qorvo, Inc
NBB-300 QORVO-NBB-300 Datasheet
567Kb / 11P
Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
logo
Microsemi Corporation
MMA034AA MICROSEMI-MMA034AA Datasheet
532Kb / 6P
DC to 65GHz Broadband MMIC Medium-Power Amplifier with PLFX
Rev C
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com