Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPS4102-013S Datasheet (PDF) - Microsemi Corporation

MPS4102-013S Datasheet PDF - Microsemi Corporation
Part # MPS4102-013S
Download  MPS4102-013S Download
File Size   881.87 Kbytes
Page   6 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description CONTROL DEVICE MONOLITHIC SPST PIN RoHS Compliant

MPS4102-013S Datasheet (PDF)

Go To PDF Page Download Datasheet
MPS4102-013S Datasheet PDF - Microsemi Corporation

Part # MPS4102-013S
Download  MPS4102-013S Click to download

File Size   881.87 Kbytes
Page   6 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description CONTROL DEVICE MONOLITHIC SPST PIN RoHS Compliant

MPS4102-013S Datasheet (HTML) - Microsemi Corporation


MPS4102-013S Product details

GENERAL DESCRIPTION
The MPS4101‐012S and MPS4102‐013S are a single chip silicon
monolithic series/shunt element. The parasitic inductance is minimized
in this design resulting in wide band, low loss, high isolation
performance.
The back metallization on the monolithic chip is designed to be used
with normal solder or epoxy die attach methods.
Only pad bonds are needed to mount the monolithic device.
This product meets RoHS requirements per EU Directive 2002/95/EC.
The standard terminal finish is gold unless otherwise specified. Consult
the factory if you have special requirements.

KEY FEATURES
 Monolithic SPST PIN switch element
 Wide Band (0.05‐ 40 GHz)
 Low Insertion Loss
 <1.0dB at 18GHz
 <1.5dB at 36GHz
 High Isolation
 >35dB at 18GHz
 >25dB at 36GHz
 3W CW power handling
 Hermetic Structure
 Rugged Silicon Monolithic Design
 Fast Switching (5 nSec Typical)
 0.02 pF Typical Series Junction
 0.10 pF Typical Shunt Junction
 RoHS Compliant

APPLICATION/BENEFITS
 0.05 – 40 GHz Switching
 Improved Power Handling
 High Reliability




Similar Part No. - MPS4102-013S

ManufacturerPart #DatasheetDescription
logo
BOWEI Integrated Circui...
MPS4100 BOWEI-MPS4100 Datasheet
231Kb / 3P
Fixecd PLL synthesizer
MPS4100A-100M BOWEI-MPS4100A-100M Datasheet
83Kb / 1P
Fixed frequency synthesizer
MPS4100BT-20M-IQ BOWEI-MPS4100BT-20M-IQ Datasheet
104Kb / 1P
Fixed frequency synthesizer (integrated TCXO)
MPS4100D-100M BOWEI-MPS4100D-100M Datasheet
98Kb / 1P
Fixed frequency phase locked synthesizer
More results


Similar Description - MPS4102-013S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BPV10 VISHAY-BPV10_08 Datasheet
107Kb / 5P
Silicon PIN Photodiode, RoHS Compliant
08-Sep-08
BPV23F VISHAY-BPV23F_08 Datasheet
127Kb / 5P
Silicon PIN Photodiode, RoHS Compliant
08-Sep-08
TEMD1000 VISHAY-TEMD1000_08 Datasheet
238Kb / 8P
Silicon PIN Photodiode, RoHS Compliant
08-Sep-08
logo
M/A-COM Technology Solu...
MA4P202-120 MA-COM-MA4P202-120 Datasheet
375Kb / 7P
Packaged PIN Diodes RoHS Compliant
MA4P7461F-1072T MA-COM-MA4P7461F-1072T Datasheet
125Kb / 5P
Packaged PIN Diodes RoHs Compliant
MA4SPS302 MA-COM-MA4SPS302 Datasheet
107Kb / 4P
SURMOUNTTM PIN Diode RoHS Compliant
logo
Microsemi Corporation
GC41873-012S MICROSEMI-GC41873-012S Datasheet
149Kb / 2P
CONTROL DEVICES - MONOLITHIC SPST PIN
logo
M/A-COM Technology Solu...
MA4AGSW1 MA-COM-MA4AGSW1_13 Datasheet
294Kb / 7P
SPST Reflective AlGaAs PIN Diode Switch RoHS Compliant
logo
Vishay Siliconix
TEMD1040 VISHAY-TEMD1040_V02 Datasheet
193Kb / 8P
Silicon PIN Photodiode, RoHS-Compliant
04-Jun-2019
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com