Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A3K Datasheet (PDF) - CIT Relay & Switch

A3K Datasheet PDF - CIT Relay & Switch
Part # A3K
Download  A3K Download
File Size   443.61 Kbytes
Page   4 Pages
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch
Description RELAY AUTOMOTIVE SPDT 150A 12V

A3K Datasheet (PDF)

Go To PDF Page Download Datasheet
A3K Datasheet PDF - CIT Relay & Switch

Part # A3K
Download  A3K Click to download

File Size   443.61 Kbytes
Page   4 Pages
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch
Description RELAY AUTOMOTIVE SPDT 150A 12V

A3K Datasheet (HTML) - CIT Relay & Switch


A3K Product details

Features
• Maxi ISO Sized Automotive Relay
• Internal Blowout Magnets
• Capable of Switching up to 145VDC
• Suitable for DC Motor and Lamp Control
• PCB Pin and Quick Connect Mounting Options





Similar Description - A3K

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ767 ZETTLER-AZ767 Datasheet
48Kb / 2P
SPDT SUBMINIATURE POWER RELAY
AZ963 ZETTLER-AZ963 Datasheet
67Kb / 2P
SPDT SUBMINIATURE POWER RELAY
logo
American Zettler, Inc.
AZ767 AZETTLER-AZ767 Datasheet
81Kb / 2P
SPDT SUBMINIATURE POWER RELAY
AZ770 AZETTLER-AZ770 Datasheet
119Kb / 2P
SPDT SUBMINIATURE POWER RELAY
logo
Motorola, Inc
MC33191 MOTOROLA-MC33191 Datasheet
294Kb / 5P
Automotive 12V ignition driver
logo
ZETTLER Electronics
AZ767 ZETTLER-AZ767_15 Datasheet
485Kb / 2P
SPDT SUBMINIATURE POWER RELAY
AZ770 ZETTLER-AZ770_14 Datasheet
52Kb / 3P
SPDT SUBMINIATURE POWER RELAY
logo
Adam Technologies, Inc.
RT2-12 ADAM-TECH-RT2-12 Datasheet
85Kb / 1P
RELAY DC 12V
logo
Qorvo, Inc
QPC8010Q QORVO-QPC8010Q Datasheet
549Kb / 11P
Automotive SPDT SWITCH
logo
CIT Relay & Switch
A2K CIT-A2K Datasheet
438Kb / 4P
RELAY AUTOMOTIVE SPST 120A 12V
Rev B 10/2022
More results




About CIT Relay & Switch


CIT Relay & Switch is a leading manufacturer of electromechanical and electronic components for a variety of industries, including automotive, consumer electronics, telecommunications, and medical. The company was founded in 1965 and is headquartered in Minnesota, USA.

CIT Relay & Switch offers a wide range of products, including relays, switches, and custom solutions. Their relay products include general purpose relays, power relays, signal relays, and automotive relays, while their switch products include tact switches, rocker switches, pushbutton switches, and rotary switches.

CIT Relay & Switch's custom solutions are designed to meet the unique needs of their customers. Their engineering team works closely with customers to understand their requirements and develop customized solutions that meet their specific needs.

The company is committed to delivering high-quality products and services to their customers. They have a strong focus on research and development and invest heavily in new technologies to improve the performance and reliability of their products.

Overall, CIT Relay & Switch is a trusted provider of high-quality electromechanical and electronic components for a variety of industries. Their commitment to innovation, quality, and customer service has earned them a strong reputation in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com