Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPLAD7.5KP12AE3 Datasheet (PDF) - Microsemi Corporation

MPLAD7.5KP12AE3 Datasheet PDF - Microsemi Corporation
Part # MPLAD7.5KP12AE3
Download  MPLAD7.5KP12AE3 Download
File Size   394.77 Kbytes
Page   6 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 7.5 kW, Unidirectional and Bidirectional TVS Protection Device

MPLAD7.5KP12AE3 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPLAD7.5KP12AE3 Datasheet PDF - Microsemi Corporation

Part # MPLAD7.5KP12AE3
Download  MPLAD7.5KP12AE3 Click to download

File Size   394.77 Kbytes
Page   6 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 7.5 kW, Unidirectional and Bidirectional TVS Protection Device

MPLAD7.5KP12AE3 Datasheet (HTML) - Microsemi Corporation


MPLAD7.5KP12AE3 Product details

DESCRIPTION
DESCRIPTION
These 7.5 kW rated transient voltage suppressors (TVS) in a surface mount PLAD package are provided with design features to minimize thermal resistance and cumulative heating. These devices have the ability to clamp dangerous high voltage, short term transients such as those produced by electrostatic discharge, radiated RFI, inductive load dumps, and the secondary effects of lightning strikes before they reach sensitive component regions of a circuit. Typical applications include lightning and automotive load dump protection. They are particularly effective at meeting the multi-stroke lightning standard RTCA DO-160, section 22 for aircraft design. The all-metal bottom of this space-efficient, low profile package provides a very low thermal impedance path for heat to escape to the mounting substrate, keeping the junction temperature low. The PLAD7.5KP is offered with standoff voltages (Vwm) from 10 to 48 volts in either unidirectional or bidirectional versions. For more information on PLAD packaged products and our broad range of TVS solutions, please see our website.

FEATURES
• Available in both unidirectional and bidirectional construction (bidirectional with CA suffix)
• High-reliable, with wafer fabrication and assembly lot traceability
• All parts 100% surge tested
• Low profile surface mount package
• Optional upscreening is available with various screening and conformance inspection options based on MIL-PRF-19500. Refer to Hi-Rel Non-Hermetic Products brochure on our web site for more details on the screening options
• Suppresses transients up to 7,500 W @ 10/1000 μs (see Figure 1)
• Moisture classification is Level 1 with no dry pack required per IPC/JEDEC J-STD-020
• 3σ lot norm screening performed on standby current (ID)
• RoHS compliant (2002/95/EC) devices available
• Halogen free (IEC 61249-2-21)

APPLICATIONS / BENEFITS
• Protection from switching transients and induced RF
• Protection from ESD, and EFT per IEC 61000-4-2 and IEC 61000-4-4
• Secondary lightning protection per IEC 61000-4-5 with 42 ohms source impedance:
Class 1,2,3,4,5: MPLAD7.5KP10A to 48CA
• Secondary lightning protection per IEC 61000-4-5 with 12 ohms source impedance:
Class 1,2,3,4: MPLAD7.5KP10A to 48CA
• Secondary lightning protection per IEC 61000-4-5 with 2 ohms source impedance:
Class 2,3: MPLAD7.5KP10A to 48CA
Class 4: MPLAD7.5KP10A to 26CA
• Pin injection protection per RTCA/DO-160F for Waveform 4 (6.4/69 μs at 25 ºC)*:
Level 1,2,3,4,5: MPLAD7.5KP10A to 48CA
• Pin injection protection per RTCA/DO-160F for Waveform 5A (40/120 μs at 25 ºC)*:
Level 1, 2, 3: MPLAD7.5KP10A to 48CA
Level 4: MPLAD7.5KP10A to 14CA
• Longer transient pulse width capability if well heat sunk for automotive load dump
• IPP rating of 97 amps to 441 amps
• VWM rating of 10 volts to 48 volts
• V(BR)(min) range of 11.1 volts to 53.3 volts
• VC(MAX) rating of 17 volts to 77.4 volts




Similar Part No. - MPLAD7.5KP12AE3

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MPLABXC8 MICROCHIP-MPLABXC8 Datasheet
5Mb / 12P
Integrated Development Environment and Software Tools
Spring 2012
More results


Similar Description - MPLAD7.5KP12AE3

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DLP3V3DTZ DIODES-DLP3V3DTZ Datasheet
312Kb / 7P
DUAL UNIDIRECTIONAL AND SINGLE BIDIRECTIONAL TVS
DS30669 Rev. 2 - 2
logo
Shenzhen Luguang Electr...
TGL34 LUGUANG-TGL34 Datasheet
354Kb / 4P
Surface Mount Unidirectional and Bidirectional TVS
logo
Digitron Semiconductors
1.5KE6.8 DIGITRON-1.5KE6.8 Datasheet
526Kb / 5P
1500W UNIDIRECTIONAL AND BIDIRECTIONAL
logo
DONGGUAN YOU FENG WEI E...
P4KE6.8 YFWDIODE-P4KE6.8 Datasheet
97Kb / 3P
Unidirectional And Bidirectional
logo
Sangdest Microelectroni...
TPK15KPXX SMC-TPK15KPXX Datasheet
131Kb / 4P
Unidirectional and Bidirectional
logo
STMicroelectronics
BZW06 STMICROELECTRONICS-BZW06 Datasheet
446Kb / 9P
Unidirectional and bidirectional types
06-Apr-2017
logo
HY ELECTRONIC CORP.
SMCJ10 HY-SMCJ10_17 Datasheet
171Kb / 5P
SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL SURFACE MOUNT UNIDIRECTIONAL AND BIDIRECTIONAL
logo
ON Semiconductor
ESDU3121 ONSEMI-ESDU3121 Datasheet
290Kb / 6P
12 V Unidirectional ESD and Surge Protection Device
September, 2018 ??Rev. 1
NSPU3051 ONSEMI-NSPU3051 Datasheet
391Kb / 7P
5.5 V Unidirectional ESD and Surge Protection Device
December, 2020 ??Rev. 4
NSPU3061 ONSEMI-NSPU3061 Datasheet
339Kb / 7P
6.3 V Unidirectional ESD and Surge Protection Device
March, 2019 ??Rev. 3
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com