Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

844001 Datasheet (PDF) - Renesas Technology Corp

844001 Datasheet PDF - Renesas Technology Corp
Part # 844001
Download  844001 Download
File Size   409.84 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Femtoclocks™ Crystal-to-LVDS Clock Generator

844001 Datasheet (PDF)

Go To PDF Page Download Datasheet
844001 Datasheet PDF - Renesas Technology Corp

Part # 844001
Download  844001 Click to download

File Size   409.84 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Femtoclocks™ Crystal-to-LVDS Clock Generator

844001 Datasheet (HTML) - Renesas Technology Corp


844001 Product details

GENERAL DESCRIPTION
The 844001 is a Fibre Channel Clock Generator. The 844001 uses an
18pF parallel resonant crystal over the range of 20.4MHz - 28.3MHz.
For Fibre Channel applications, a 26.5625MHz crystal is used. The
frequency select pin allows the device to generate either 106.25MHz
or 212.5MHz from a 26.5625MHz crystal. To generate 187.5MHz for
12Gb Ethernet, a 23.4375MHz crystal is used. The 844001 uses IDT’s
3rd generation low phase noise VCO technology and can achieve
<1ps typical rms phase jitter, easily meeting Fibre Channel and
Ethernet jitter requirements. The 844001 is packaged in a small 8-pin
TSSOP, making it ideal for use in systems with limited board space.
NOTE: It is not recommended to overdrive the crystal input with an
external clock.

FEATURES
• One Differential LVDS output
• Crystal oscillator interface, 18pF parallel resonant crystal
(20.4MHz - 28.3MHz)
• Output frequency range: 81.66MHz - 226.66MHz
• VCO range: 490MHz - 680MHz
• RMS phase jitter @ 106.25MHz, using a 26.5625MHz crystal
(637kHz - 10MHz): 0.74ps (typical)
• 3.3V or 2.5V operating supply
• 0°C to 70°C ambient operating temperature
• Available in lead-free (RoHS 6) package
• For functional replacement part use 8T49N242




Similar Part No. - 844001

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
844001I RENESAS-844001I Datasheet
399Kb / 15P
FemtoClock® Crystal-to-LVDS Clock Generator
2019
More results


Similar Description - 844001

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS844001I ICST-ICS844001I Datasheet
162Kb / 10P
FEMTOCLOCKS??CRYSTAL-TO- LVDS CLOCK GENERATOR
REV. A JUNE 16, 2005
ICS844011I ICST-ICS844011I Datasheet
159Kb / 10P
FEMTOCLOCKS??CRYSTAL-TO- LVDS CLOCK GENERATOR
REV. A JUNE 28, 2005
ICS844021I-01 ICST-ICS844021I-01 Datasheet
161Kb / 10P
FEMTOCLOCKS??CRYSTAL-TO- LVDS CLOCK GENERATOR
REV. A MARCH 29, 2005
ICS844023I ICST-ICS844023I Datasheet
153Kb / 10P
FEMTOCLOCKS??CRYSTAL-TO- LVDS CLOCK GENERATOR
REV. B JANUARY 6, 2006
ICS844051I ICST-ICS844051I Datasheet
204Kb / 11P
FEMTOCLOCKS??CRYSTAL-TO- LVDS CLOCK GENERATOR
REV. A NOVEMBER 23, 2005
ICS844251I-15 ICST-ICS844251I-15 Datasheet
186Kb / 11P
FEMTOCLOCKS??CRYSTAL-TO-LVDS CLOCK GENERATOR
REV. A NOVEMBER 23, 2005
ICS844252-04 ICST-ICS844252-04 Datasheet
165Kb / 12P
FEMTOCLOCKS??CRYSTAL-TO-LVDS CLOCK GENERATOR
REV. A JANUARY 26, 2006
logo
Integrated Device Techn...
ICS844021I-01 IDT-ICS844021I-01 Datasheet
272Kb / 13P
FEMTOCLOCKS??CRYSTAL-TO-LVDS CLOCK GENERATOR
ICS844071 IDT-ICS844071 Datasheet
1Mb / 15P
FEMTOCLOCKS??CRYSTAL-TO-LVDS CLOCK GENERATOR
ICS844008I-46 IDT-ICS844008I-46 Datasheet
317Kb / 15P
FEMTOCLOCKS CRYSTAL-TO-LVDS CLOCK GENERATOR
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com