Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS66/67WVO32M8DBLL Datasheet (PDF) - Integrated Silicon Solution, Inc

IS66/67WVO32M8DBLL Datasheet PDF - Integrated Silicon Solution, Inc
Part # IS66/67WVO32M8DBLL
Download  IS66/67WVO32M8DBLL Download
File Size   515.97 Kbytes
Page   2 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description Long-Term Support World Class Quality

IS66/67WVO32M8DBLL Datasheet (PDF)

Go To PDF Page Download Datasheet
IS66/67WVO32M8DBLL Datasheet PDF - Integrated Silicon Solution, Inc

Part # IS66/67WVO32M8DBLL
Download  IS66/67WVO32M8DBLL Click to download

File Size   515.97 Kbytes
Page   2 Pages
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc
Description Long-Term Support World Class Quality

IS66/67WVO32M8DBLL Datasheet (HTML) - Integrated Silicon Solution, Inc


IS66/67WVO32M8DBLL Product details

Key Features
• Interface: JEDEC xSPI standard compliant
• Single Supply Voltage:
1.8V (1.7–1.95V) or 3V (2.7–3.6V) support
• Densities:
xSPI Flash: 32Mb to 2Gb
Octal RAM: 128Mb – 256Mb
• Performance:
Up to 200 MHz in x8 double data rate
(DDR) with DQS (data strobe), up to 400
MB/s read throughput

Applications
• Instrument Clusters
• Infotainment consoles
• Telematics
• Safety Systems (ADAS)
• Smart TV STB
• HDD
• Printers
• Gaming
• Industrial Controls
• Medical Devices
• Military & Aerospace
• Wireless Access Points
• 4G LTE Base Stations
• Routers & Switches
• Home Networking
• Smart Grid




Similar Part No. - IS66/67WVO32M8DBLL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS66/67WV51216DBLL ISSI-IS66/67WV51216DBLL Datasheet
532Kb / 17P
8Mb LOW VOLTAGE, ULTRA LOW POWER PSEUDO CMOS STATIC RAM
More results


Similar Description - IS66/67WVO32M8DBLL

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
HS12SP AMPHENOL-HS12SP Datasheet
119Kb / 4P
Good, long-term reliability
logo
Laird Tech Smart Techno...
300X LSTD-300X Datasheet
229Kb / 1P
Excellent long term stability
logo
Silicon Laboratories
SI7006-A10 SILABS-SI7006-A10 Datasheet
924Kb / 34P
Excellent long term stability
SI7015-A10 SILABS-SI7015-A10 Datasheet
356Kb / 39P
Excellent long term stability
SI7020-A10 SILABS-SI7020-A10 Datasheet
597Kb / 34P
Excellent long term stability
SI7021-A10 SILABS-SI7021-A10 Datasheet
580Kb / 33P
Excellent long term stability
SI7023-A10 SILABS-SI7023-A10 Datasheet
765Kb / 25P
Excellent long term stability
logo
MKS Instruments.
629F MKS-629F Datasheet
179Kb / 2P
Excellent long-term stability
logo
Tadiran Batteries GmbH
SL-750 TADIRN-SL-750 Datasheet
173Kb / 1P
iXtra ??long term high performance
SL-760 TADIRN-SL-760 Datasheet
426Kb / 1P
iXtra ??long term high performance
More results




About Integrated Silicon Solution, Inc


Integrated Silicon Solution, Inc. (ISSI) is a fabless semiconductor company that designs and markets high-performance integrated circuits (ICs) for the automotive, industrial, medical, and communications markets. The company was founded in 1988 and is headquartered in Milpitas, California, USA.

ISSI's product portfolio includes static random access memory (SRAM), dynamic random access memory (DRAM), and analog and mixed-signal ICs. The company specializes in low-power, high-speed SRAMs, and is a leading supplier of DRAMs to the automotive market.

In 2015, ISSI was acquired by China's Uphill Investment Co., Ltd. and became a wholly-owned subsidiary of Uphill Investment.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com