Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNQ9025AJ Datasheet (PDF) - STMicroelectronics

VNQ9025AJ Datasheet PDF - STMicroelectronics
Part # VNQ9025AJ
Download  VNQ9025AJ Download
File Size   1345.97 Kbytes
Page   44 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Quad channel high-side driver with current sense analog feedback for automotive applications

VNQ9025AJ Datasheet (PDF)

Go To PDF Page Download Datasheet
VNQ9025AJ Datasheet PDF - STMicroelectronics

Part # VNQ9025AJ
Download  VNQ9025AJ Click to download

File Size   1345.97 Kbytes
Page   44 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Quad channel high-side driver with current sense analog feedback for automotive applications

VNQ9025AJ Datasheet (HTML) - STMicroelectronics


VNQ9025AJ Product details

Features
• AEC-Q100 qualified
• Extreme low voltage operation for deep cold cranking applications (compliant
with LV124, revision 2013)
• General
– Quad channel smart high-side driver with current sense analog feedback
– Very low standby current
– Compatible with 3 V and 5 V CMOS outputs
• Current sense diagnostic functions
– Multiplexed analog feedback of load current with high precision proportional
current mirror
– Overload and short to ground (power limitation) indication
– Thermal shutdown indication
– OFF-state open-load detection (with external pull-up)
– Output short to VCC detection
– Sense enable/disable
• Protections
– Undervoltage shutdown
– Overvoltage clamp
– Load current limitation
– Self limiting of fast thermal transients
– Configurable latch-off on overtemperature or power limitation with
dedicated fault reset pin
– Loss of ground and loss of VCC
– Reverse battery through self turn-on
– Electrostatic discharge protection

Applications
• Automotive resistive, inductive and capacitive loads
• Protected supply for ADAS systems: radars and sensors
• Automotive lamps: P27W or SAE1156

Description
The VNQ9025AJ is a quad channel high-side driver manufactured using ST
proprietary VIPower M0-9 technology and housed in PowerSSO-16 package. The
device is designed to drive 12 V automotive grounded loads through a 3 V and 5 V
CMOS-compatible interface, providing protection and diagnostics.
The device integrates advanced protective functions such as load current limitation,
overload active management by power limitation and overtemperature shutdown with
configurable latch-off.
A FaultRST pin unlatches the output in case of fault or disables the latch-off
functionality.
A dedicated multifunction multiplexed analog output pin delivers diagnostic functions
including high precision proportional load current sense, in addition to the detection
of overload and short circuit to ground, short to VCC and OFF-state open-load.
A sense enable pin allows OFF-state diagnosis to be disabled during the module
low-power mode as well as external sense resistor sharing among similar devices.




Similar Part No. - VNQ9025AJ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNQ9025AJ STMICROELECTRONICS-VNQ9025AJ Datasheet
2Mb / 43P
Quad channel high-side driver with current sense analog feedback for automotive applications
27-Jan-2025
VNQ9025AJTR STMICROELECTRONICS-VNQ9025AJTR Datasheet
2Mb / 43P
Quad channel high-side driver with current sense analog feedback for automotive applications
27-Jan-2025
VNQ9025AJ STMICROELECTRONICS-VNQ9025AJ_V01 Datasheet
2Mb / 43P
Quad channel high-side driver with current sense analog feedback for automotive applications
27-Jan-2025
More results


Similar Description - VNQ9025AJ

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNQ5050AK-E STMICROELECTRONICS-VNQ5050AK-E Datasheet
623Kb / 31P
Quad channel high side driver with analog current sense for automotive applications
04-Dec-2007
VNQ5E050AK-E STMICROELECTRONICS-VNQ5E050AK-E Datasheet
657Kb / 37P
Quad channel high-side driver with analog current sense for automotive applications
26-Oct-2010
VNQ5E160AK-E STMICROELECTRONICS-VNQ5E160AK-E Datasheet
684Kb / 37P
Quad channel high side driver with analog current sense for automotive applications
17-Mar-2009
VNQ5027AK-E STMICROELECTRONICS-VNQ5027AK-E Datasheet
449Kb / 31P
Quad channel high side driver with analog current sense for automotive applications
22-Jul-2009
VNQ5E250AJ-E STMICROELECTRONICS-VNQ5E250AJ-E Datasheet
475Kb / 37P
Quad channel high-side driver with analog current sense for automotive applications
19-Sep-2013
VNQ5E050MK-E STMICROELECTRONICS-VNQ5E050MK-E Datasheet
473Kb / 36P
Quad channel high-side driver with analog current sense for automotive applications
19-Sep-2013
VN9004AJ STMICROELECTRONICS-VN9004AJ Datasheet
1Mb / 41P
Single channel high-side driver with Current Sense analog feedback for automotive applications
28-Jul-2022
VND9012AJ STMICROELECTRONICS-VND9012AJ Datasheet
1Mb / 40P
Double channel high-side driver with current sense analog feedback for automotive applications
14-Jul-2022
VNQ9080AJ STMICROELECTRONICS-VNQ9080AJ Datasheet
1Mb / 44P
Quad channel high-side driver with Current Sense analog feedback for automotive applications
24-Aug-2022
VNQ5E080TD1-E STMICROELECTRONICS-VNQ5E080TD1-E Datasheet
428Kb / 23P
Quad channel high-side driver with analog current sense for automotive applications
04-Jun-2012
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com