Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X0402MB Datasheet (PDF) - STMicroelectronics

X0402MB Datasheet PDF - STMicroelectronics
Part # X0402MB
Download  X0402MB Download
File Size   697.22 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 A Sensitive gate SCR in DPAK package

X0402MB Datasheet (PDF)

Go To PDF Page Download Datasheet
X0402MB Datasheet PDF - STMicroelectronics

Part # X0402MB
Download  X0402MB Click to download

File Size   697.22 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 4 A Sensitive gate SCR in DPAK package

X0402MB Datasheet (HTML) - STMicroelectronics


X0402MB Product details

Features
• 4 A Triac
• Sensitive SCR: IGT = 200 μA
• VDRM / VRRM = 600 V and VDSM / VRSM = 750 V
• 125 °C maximum junction temperature Tj
• DPAK SMD package
• Halogen-free molding, lead-free plating
• ECOPACK2 compliant
Application
• Actuators
• Ignitors
• Inrush current limiting circuits
Description
The X04 series is 4 A SCR housed in compact SMD DPAK package. This highly
sensitive device is suited to home appliances or power tools and industrial systems
and drives loads up to 4 A.




Similar Part No. - X0402MB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
X0402ME STMICROELECTRONICS-X0402ME Datasheet
677Kb / 6P
SENSITINE GATE SCR
X0402MF STMICROELECTRONICS-X0402MF Datasheet
194Kb / 4P
SENSITIVE GATE SCR
X0402MF STMICROELECTRONICS-X0402MF Datasheet
205Kb / 5P
4A SCRS
Sep-2000
X0402MF STMICROELECTRONICS-X0402MF Datasheet
677Kb / 6P
SENSITINE GATE SCR
logo
Inchange Semiconductor ...
X0402MF ISC-X0402MF Datasheet
123Kb / 1P
Thyristors
More results


Similar Description - X0402MB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P01XXXA STMICROELECTRONICS-P01XXXA Datasheet
196Kb / 5P
SENSITIVE GATE SCR
Jan 1995
logo
List of Unclassifed Man...
FS0102BA ETC2-FS0102BA Datasheet
142Kb / 4P
SENSITIVE GATE SCR
logo
STMicroelectronics
X00619 STMICROELECTRONICS-X00619 Datasheet
183Kb / 10P
0.8 A sensitive gate SCR
03-May-2012
X02 STMICROELECTRONICS-X02_05 Datasheet
136Kb / 11P
1.25 A sensitive gate SCR
14-Jan-2011
X0203MA2BL2 STMICROELECTRONICS-X0203MA2BL2 Datasheet
62Kb / 5P
SENSITIVE GATE SCR
Jan-1995
X0203MA5BL2 STMICROELECTRONICS-X0203MA5BL2 Datasheet
62Kb / 5P
SENSITIVE GATE SCR
Jan-1995
X0402NE1AA2 STMICROELECTRONICS-X0402NE1AA2 Datasheet
386Kb / 6P
SENSITIVE GATE SCR
X0402MH STMICROELECTRONICS-X0402MH Datasheet
605Kb / 10P
4 A Sensitive gate SCR in IPAK package
06-Sep-2022
X0405MB STMICROELECTRONICS-X0405MB Datasheet
575Kb / 11P
4 A Sensitive gate SCR in DPAK package
06-Sep-2022
X0405MH STMICROELECTRONICS-X0405MH Datasheet
575Kb / 10P
4 A Sensitive gate SCR in IPAK package
06-Sep-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com