Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

03P4MG Datasheet (PDF) - Renesas Technology Corp

03P4MG Datasheet PDF - Renesas Technology Corp
Part # 03P4MG
Download  03P4MG Download
File Size   320.08 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description THYRISTORS

03P4MG Datasheet (PDF)

Go To PDF Page Download Datasheet
03P4MG Datasheet PDF - Renesas Technology Corp

Part # 03P4MG
Download  03P4MG Click to download

File Size   320.08 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description THYRISTORS

03P4MG Datasheet (HTML) - Renesas Technology Corp


03P4MG Product details

300 mA HIGH-WITHSTANDING-VOLTAGE MOLD SCR

DESCRIPTION
The 03P4MG and 03P6MG are P-gate fully diffused mold SCRs
with an average on-state current of 300 mA. The repeat peak
off-state voltages (and reverse voltages) are 400 and 600 V.
FEATURES
• 400 and 600 V high-withstanding-voltage series of products
• The non-repetitive withstanding voltage is a high 700 V, making
it easy to harmonize the rise voltage of the surge absorber.
• High-sensitivity thyristor (IGT = 3 to 50 μA)
• Employs flame-retardant epoxy resin (UL94V-0)
APPLICATIONS
Leakage breakers, SSRs, various type of alarms, consumer
electronic equipments and automobile electronic components




Similar Part No. - 03P4MG

ManufacturerPart #DatasheetDescription
logo
NEC
03P4MG NEC-03P4MG Datasheet
155Kb / 6P
300 mA HIGH-WITHSTANDING-VOLTAGE MOLD SCR
logo
Kersemi Electronic Co.,...
03P4MG KERSEMI-03P4MG Datasheet
1Mb / 5P
Employs flame-retardant epoxy resin
More results


Similar Description - 03P4MG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT151X PHILIPS-BT151X Datasheet
46Kb / 11P
Thyristors
Rev. 04-9 June 2004
BT152B PHILIPS-BT152B Datasheet
48Kb / 6P
Thyristors
September 1997 Rev 1.100
logo
List of Unclassifed Man...
HBT169M ETC-HBT169M Datasheet
49Kb / 4P
THYRISTORS
logo
NXP Semiconductors
BT151UC PHILIPS-BT151UC Datasheet
43Kb / 6P
Thyristors
April 2004-Rev 1.000
logo
STMicroelectronics
TYN054 STMICROELECTRONICS-TYN054 Datasheet
105Kb / 4P
THYRISTORS
Feb-1989
logo
Inchange Semiconductor ...
MCR100-6 ISC-MCR100-6 Datasheet
42Kb / 1P
Thyristors
BT151-600 ISC-BT151-600 Datasheet
54Kb / 1P
Thyristors
logo
Comset Semiconductor
BT151 COMSET-BT151 Datasheet
172Kb / 3P
THYRISTORS
BT152 COMSET-BT152 Datasheet
172Kb / 3P
THYRISTORS
logo
Sanken electric
TF561S-A SANKEN-TF561S-A Datasheet
75Kb / 3P
Thyristors
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com