Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3SK244 Datasheet (PDF) - Renesas Technology Corp

3SK244 Datasheet PDF - Renesas Technology Corp
Part # 3SK244
Download  3SK244 Download
File Size   178.61 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS FIELD EFFECT TRANSISTOR

3SK244 Datasheet (PDF)

Go To PDF Page Download Datasheet
3SK244 Datasheet PDF - Renesas Technology Corp

Part # 3SK244
Download  3SK244 Click to download

File Size   178.61 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MOS FIELD EFFECT TRANSISTOR

3SK244 Datasheet (HTML) - Renesas Technology Corp


3SK244 Product details

RF AMPLIFIER FOR UHF TV TUNER
N-CHANNEL Si DUAL GATE MOS FIELD-EFFECT TRANSISTOR
4 PINS SUPER MINI MOLD

FEATURES
• Ultra Low Noise Figure : NF = 2.2 dB TYP. (f = 900 MHz)
• High Power Gain : GPS = 17 dB TYP. (f = 900 MHz)
• Low Reverse Transfer Capacitance Crss = 0.015 pF TYP.
• Suitable for use as RF amplifier in UHF TV tuner.
• Automatically Mounting: Embossed Type Taping
• Small Package : 4 Pins Super Mini Mold




Similar Part No. - 3SK244

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
3SK240 TOSHIBA-3SK240 Datasheet
230Kb / 5P
N CHANNEL DUAL GATE MES TYPE (TV TUNER, UHF RF AMPLIFIER APPLICATIONS)
logo
Panasonic Semiconductor
3SK241 PANASONIC-3SK241 Datasheet
44Kb / 3P
GaAs N-Channel MES FET
logo
Renesas Technology Corp
3SK242 RENESAS-3SK242 Datasheet
182Kb / 8P
MOS FIELD EFFECT TRANSISTOR
1993
3SK242-T1 RENESAS-3SK242-T1 Datasheet
182Kb / 8P
MOS FIELD EFFECT TRANSISTOR
1993
3SK242-T2 RENESAS-3SK242-T2 Datasheet
182Kb / 8P
MOS FIELD EFFECT TRANSISTOR
1993
More results


Similar Description - 3SK244

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3113B NEC-2SK3113B Datasheet
202Kb / 8P
MOS FIELD EFFECT TRANSISTOR
NP36P04KDG NEC-NP36P04KDG Datasheet
189Kb / 7P
MOS FIELD EFFECT TRANSISTOR
NP83P06PDG NEC-NP83P06PDG Datasheet
190Kb / 7P
MOS FIELD EFFECT TRANSISTOR
NP100P04PDG NEC-NP100P04PDG Datasheet
190Kb / 7P
MOS FIELD EFFECT TRANSISTOR
logo
Guangdong Kexin Industr...
KPA1790 KEXIN-KPA1790 Datasheet
58Kb / 2P
MOS Field Effect Transistor
KPA2790GR KEXIN-KPA2790GR Datasheet
58Kb / 2P
MOS Field Effect Transistor
2SK3919 KEXIN-2SK3919 Datasheet
45Kb / 1P
MOS Field Effect Transistor
2SK3635 KEXIN-2SK3635 Datasheet
46Kb / 1P
MOS Field Effect Transistor
2SJ598 KEXIN-2SJ598 Datasheet
49Kb / 2P
MOS Field Effect Transistor
KPA1750 KEXIN-KPA1750 Datasheet
52Kb / 2P
MOS Field Effect Transistor
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com