Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3SK299 Datasheet (PDF) - Renesas Technology Corp

3SK299 Datasheet PDF - Renesas Technology Corp
Part # 3SK299
Download  3SK299 Download
File Size   206.29 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MES FIELD EFFECT TRANSISTOR

3SK299 Datasheet (PDF)

Go To PDF Page Download Datasheet
3SK299 Datasheet PDF - Renesas Technology Corp

Part # 3SK299
Download  3SK299 Click to download

File Size   206.29 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description MES FIELD EFFECT TRANSISTOR

3SK299 Datasheet (HTML) - Renesas Technology Corp


3SK299 Product details

RF AMP. FOR UHF TV TUNER
N-CHANNEL GaAs DUAL-GATE MES FIFLD-EFFECT TRANSISTOR
4 PIN SMALL MINI MOLD

FEATURES
• Suitable for use as RF amplifier in UHF TV tuner.
• Low Crss : 0.02 pF TYP.
• High GPS : 20 dB TYP.
• Low NF : 1.1 dB TYP.
• 4 PIN SMALL MINI MOLD PACKAGE




Similar Part No. - 3SK299

ManufacturerPart #DatasheetDescription
logo
NEC
3SK299 NEC-3SK299 Datasheet
53Kb / 6P
RF AMP. FOR UHF TV TUNER N-CHANNEL GaAs DUAL-GATE MES FIFLD-EFFECT TRANSISTOR 4 PIN SMALL MINI MOLD
More results


Similar Description - 3SK299

ManufacturerPart #DatasheetDescription
logo
Isahaya Electronics Cor...
2SK930 ISAHAYA-2SK930 Datasheet
226Kb / 4P
FIELD-EFFECT TRANSISTOR
logo
KEC(Korea Electronics)
2N7000 KEC-2N7000 Datasheet
68Kb / 4P
FIELD EFFECT TRANSISTOR
2N7000A KEC-2N7000A Datasheet
67Kb / 4P
FIELD EFFECT TRANSISTOR
2N7002 KEC-2N7002 Datasheet
70Kb / 4P
FIELD EFFECT TRANSISTOR
2N7002A KEC-2N7002A_09 Datasheet
57Kb / 4P
FIELD EFFECT TRANSISTOR
logo
New Jersey Semi-Conduct...
40822 NJSEMI-40822_13 Datasheet
108Kb / 1P
FIELD-EFFECT TRANSISTOR
logo
NEC
2SK193 NEC-2SK193 Datasheet
39Kb / 2P
Field Effect Transistor
logo
Renesas Technology Corp
3SK203 RENESAS-3SK203 Datasheet
351Kb / 6P
MES FIELD EFFECT TRANSISTOR
1987
3SK205 RENESAS-3SK205 Datasheet
347Kb / 6P
MES FIELD EFFECT TRANSISTOR
1987
NE25337 RENESAS-NE25337 Datasheet
428Kb / 6P
MES FIELD EFFECT TRANSISTOR
1987
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com