Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICM7217 Datasheet (PDF) - Renesas Technology Corp

ICM7217 Datasheet PDF - Renesas Technology Corp
Part # ICM7217
Download  ICM7217 Download
File Size   896.32 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4-Digit LED Display,Programmable Up/Down Counter

ICM7217 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICM7217 Datasheet PDF - Renesas Technology Corp

Part # ICM7217
Download  ICM7217 Click to download

File Size   896.32 Kbytes
Page   19 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 4-Digit LED Display,Programmable Up/Down Counter

ICM7217 Datasheet (HTML) - Renesas Technology Corp


ICM7217 Product details

Features
• Four Decade, Presettable Up-Down Counter with
Parallel Zero Detect
• Settable Register with Contents Continuously
Compared to Counter
• Directly Drives Multiplexed 7 Segment Common
Anode or Common Cathode LED Displays
• On-Board Multiplex Scan Oscillator
• Schmitt Trigger On Count Input
• TTL Compatible BCD I/O Port, Carry/Borrow, Equal,
and Zero Outputs
• Display Blank Control for Lower Power Operation;
Quiescent Power Dissipation <5mW
• All Terminals Fully Protected Against Static Discharge
• Single 5V Supply Operation




Similar Part No. - ICM7217

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7217 INTERSIL-ICM7217 Datasheet
137Kb / 19P
4-Digit LED Display, Programmable Up/Down Counter
August 1997
logo
Maxim Integrated Produc...
ICM7217 MAXIM-ICM7217 Datasheet
328Kb / 8P
4 Digit (LED) Presettable Up/Down Counter
19-0931; Rev 0; 4/56
logo
Intersil Corporation
ICM7217 INTERSIL-ICM7217 Datasheet
475Kb / 20P
4-Digit LED Display, Programmable Up/Down Counter
July 2001
ICM7217 INTERSIL-ICM7217 Datasheet
4Mb / 122P
P-CHANNEL JFET
logo
Maxim Integrated Produc...
ICM7217AIJI MAXIM-ICM7217AIJI Datasheet
328Kb / 8P
4 Digit (LED) Presettable Up/Down Counter
19-0931; Rev 0; 4/56
More results


Similar Description - ICM7217

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4522B PHILIPS-HEF4522B Datasheet
107Kb / 10P
Programmable 4-bit BCD down counter
January 1995
HEF4526B PHILIPS-HEF4526B Datasheet
109Kb / 10P
Programmable 4-bit binary down counter
January 1995
logo
Fairchild Semiconductor
CD40192BC FAIRCHILD-CD40192BC Datasheet
74Kb / 7P
Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
MM74C192 FAIRCHILD-MM74C192 Datasheet
62Kb / 6P
Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
Intersil Corporation
ICM7217 INTERSIL-ICM7217 Datasheet
137Kb / 19P
4-Digit LED Display, Programmable Up/Down Counter
August 1997
logo
Maxim Integrated Produc...
ICM7217 MAXIM-ICM7217 Datasheet
328Kb / 8P
4 Digit (LED) Presettable Up/Down Counter
19-0931; Rev 0; 4/56
MM74C945 MAXIM-MM74C945 Datasheet
293Kb / 8P
4 Digit Up/Down Counter/Decoder/Driver
Rev 0; 1/93
logo
Intersil Corporation
ICM7208 INTERSIL-ICM7208 Datasheet
621Kb / 7P
7-Digit LED Display Counter
ICM7217 INTERSIL-ICM7217_01 Datasheet
475Kb / 20P
4-Digit LED Display, Programmable Up/Down Counter
July 2001
logo
Renesas Technology Corp
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com