Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSF0102-Q100 Datasheet (PDF) - Nexperia B.V. All rights reserved

LSF0102-Q100 Datasheet PDF - Nexperia B.V. All rights reserved
Part # LSF0102-Q100
Download  LSF0102-Q100 Download
File Size   211.64 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 2-bit bidirectional multi-voltage level translator; open-drain; push-pull

LSF0102-Q100 Datasheet (PDF)

Go To PDF Page Download Datasheet
LSF0102-Q100 Datasheet PDF - Nexperia B.V. All rights reserved

Part # LSF0102-Q100
Download  LSF0102-Q100 Click to download

File Size   211.64 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 2-bit bidirectional multi-voltage level translator; open-drain; push-pull

LSF0102-Q100 Datasheet (HTML) - Nexperia B.V. All rights reserved


LSF0102-Q100 Product details

1. General description
The LSF0102-Q100 is a 2 channel bidirectional multi-voltage level translator for open-drain and
push-pull applications. It supports up to 100 MHz up translation and ≥100 MHz down translation
at ≤ 30 pF capacitive load. There is no need for a direction pin which minimizes system effort.
The LSF0102-Q100 supports 5 V tolerant I/O pins for compatibility with TTL levels in a variety of
applications. The ability to set up different voltage translation levels on each channel makes the
device very flexible and suitable for a lot of different applications.
This product has been qualified to the Automotive Electronics Council (AEC) standard Q100
(Grade 1) and is suitable for use in automotive applications.

2. Features and benefits
• Automotive product qualification in accordance with AEC-Q100 (Grade 1)
• Specified from -40 °C to +125 °C
• Bidirectional voltage translation with no direction pin
• Up translation
• ≤ 100 MHz; CL = 30 pF
• ≤ 40 MHz; CL = 50 pF
• Down translation
• ≥ 100 MHz; CL = 30 pF
• ≤ 40 MHz; CL = 50 pF
• Hot insertion
• Bidirectional voltage level translation between:
• 0.95 V and 1.8 V, 2.5 V, 3.3 V and 5.0 V
• 1.2 V and 1.8 V, 2.5 V, 3.3 V and 5.0 V
• 1.8 V and 2.5 V, 3.3 V and 5.0 V
• 2.5 V and 3.3 V and 5.0 V
• 3.3 V and 5.0 V
• Low standby current
• 5 V tolerant I/O pins to support TTL
• Low RON provides less signal distortion
• High-impedance I/O pins for EN = Low.
• Flow-through pinout for easy PCB trace routing.
• Latch-up performance exceeds 100 mA per JESD78 class II level A
• ESD protection:
• HBM ANSI/ESDA/JEDEC JS-001 Class 2 exceeds 2000 V
• CDM ANSI/ESDA/JEDEC JS-002 Class C3 exceeds 1000 V

3. Applications
• GPIO, MDIO, PMBus, SMBus, SDIO, UART, I2C, and other interfaces in Telecom infrastructure
• Industrial
• Personal computing




Similar Part No. - LSF0102-Q100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LSF0102-Q1 TI1-LSF0102-Q1 Datasheet
405Kb / 18P
Automotive 2-Channel Auto Bidirectional Multi-Voltage Level Translator
LSF0102-Q1 TI1-LSF0102-Q1 Datasheet
2Mb / 40P
LSF010x 1/2/8 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open-Drain and Push-Pull Applications
LSF0102-Q1 TI-LSF0102-Q1 Datasheet
3Mb / 53P
LSF010x 1/2/8 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open- Drain and Push-Pull Applications
REVISED DECEMBER 2022
LSF0102-Q1 TI-LSF0102-Q1 Datasheet
3Mb / 57P
LSF010x 1/2/8 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open- Drain and Push-Pull Applications
REVISED DECEMBER 2022
LSF0102-Q1 TI1-LSF0102-Q1 Datasheet
1Mb / 42P
LSF0102 2 Channel Auto-Bidirectional Multi-Voltage Level Translator for Open-Drain and Push-Pull Applications
REVISED APRIL 2024
More results


Similar Description - LSF0102-Q100

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0102 TI-TXS0102_11 Datasheet
718Kb / 23P
2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
logo
Nexperia B.V. All right...
LSF0101-Q100 NEXPERIA-LSF0101-Q100 Datasheet
198Kb / 11P
1-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 1 - 3 October 2022
LSF0204-Q100 NEXPERIA-LSF0204-Q100 Datasheet
240Kb / 14P
4-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 3 - 2 May 2022
NCA9306-Q100 NEXPERIA-NCA9306-Q100 Datasheet
200Kb / 11P
2-bit bidirectional multi-voltage level translator; open-drain;push-pull
Rev. 1 - 11 February 2022
LSF0108-Q100 NEXPERIA-LSF0108-Q100 Datasheet
215Kb / 12P
8-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 2 - 30 July 2020
LSF0101 NEXPERIA-LSF0101 Datasheet
220Kb / 13P
1-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 3 - 8 February 2022
LSF0102 NEXPERIA-LSF0102 Datasheet
240Kb / 15P
2-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 3 - 4 September 2020
NCA9306 NEXPERIA-NCA9306 Datasheet
234Kb / 14P
2-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 2 - 26 November 2021
LSF0108 NEXPERIA-LSF0108 Datasheet
204Kb / 12P
8-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 1 - 18 September 2019
LSF0204 NEXPERIA-LSF0204 Datasheet
244Kb / 14P
4-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 2 - 28 October 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com