Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBZ27VCL-Q Datasheet (PDF) - Nexperia B.V. All rights reserved

MMBZ27VCL-Q Datasheet PDF - Nexperia B.V. All rights reserved
Part # MMBZ27VCL-Q
Download  MMBZ27VCL-Q Download
File Size   217.74 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Double ESD protection diode for transient overvoltage suppression

MMBZ27VCL-Q Datasheet (PDF)

Go To PDF Page Download Datasheet
MMBZ27VCL-Q Datasheet PDF - Nexperia B.V. All rights reserved

Part # MMBZ27VCL-Q
Download  MMBZ27VCL-Q Click to download

File Size   217.74 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Double ESD protection diode for transient overvoltage suppression

MMBZ27VCL-Q Datasheet (HTML) - Nexperia B.V. All rights reserved


MMBZ27VCL-Q Product details

1. General description
Unidirectional double ElectroStatic Discharge (ESD) protection diode in a common cathode
configuration, encapsulated in a SOT23 (TO-236AB) small Surface-Mounted Device (SMD) plastic
package. The device is designed for ESD and transient overvoltage protection of up to two signal
lines.

2. Features and benefits
• Unidirectional ESD protection of two lines
• Bidirectional ESD protection of one line
• Low diode capacitance: Cd ≤ 60 pF
• Rated peak pulse power: PPPM ≤ 40 W
• Ultra low leakage current: IRM ≤ 5 nA
• ESD protection up to 30 kV (contact discharge)
• IEC 61000-4-2; level 4 (ESD)
• IEC 61643-321
• Qualified according to AEC-Q101 and recommended for use in automotive applications

3. Applications
• Computers and peripherals
• Audio and video equipment
• Cellular handsets and accessories
• Automotive electronic control units
• Portable electronics




Similar Part No. - MMBZ27VCL-Q

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MMBZ27VCL-Q1 TI2-MMBZ27VCL-Q1 Datasheet
743Kb / 14P
MMBZxxVCL-Q1 Dual Channel ESD Protection
DECEMBER 2025
MMBZ27VCL-Q1 TI2-MMBZ27VCL-Q1 Datasheet
743Kb / 14P
MMBZxxVCL-Q1 Dual Channel ESD Protection
DECEMBER 2025
More results


Similar Description - MMBZ27VCL-Q

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MMBZXVDL NXP-MMBZXVDL Datasheet
79Kb / 15P
Double ESD protection diodes for transient overvoltage suppression
Rev. 01-3 September 2008
MMBZXVCL PHILIPS-MMBZXVCL Datasheet
87Kb / 15P
Double ESD protection diodes for transient overvoltage suppression
Rev. 01-3 September 2008
logo
Nexperia B.V. All right...
MMBZ18VCL-Q NEXPERIA-MMBZ18VCL-Q Datasheet
212Kb / 11P
Double ESD protection diode for transient overvoltage suppression
2 March 2023
MMBZ20VCL-Q NEXPERIA-MMBZ20VCL-Q Datasheet
212Kb / 11P
Double ESD protection diode for transient overvoltage suppression
2 March 2023
MMBZ15VDL-Q NEXPERIA-MMBZ15VDL-Q Datasheet
213Kb / 11P
Double ESD protection diode for transient overvoltage suppression
13 June 2022
MMBZ15VDL NEXPERIA-MMBZ15VDL Datasheet
213Kb / 11P
Double ESD protection diode for transient overvoltage suppression
11 April 2023
MMBZ18VCL NEXPERIA-MMBZ18VCL Datasheet
215Kb / 11P
Double ESD protection diode for transient overvoltage suppression
17 August 2023
MMBZ20VCL NEXPERIA-MMBZ20VCL Datasheet
215Kb / 11P
Double ESD protection diode for transient overvoltage suppression
17 August 2023
MMBZ27VCL NEXPERIA-MMBZ27VCL Datasheet
218Kb / 11P
Double ESD protection diode for transient overvoltage suppression
11 April 2023
MMBZ33VCL NEXPERIA-MMBZ33VCL Datasheet
215Kb / 11P
Double ESD protection diode for transient overvoltage suppression
17 August 2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com