Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS138MS Datasheet (PDF) - Renesas Technology Corp

ACS138MS Datasheet PDF - Renesas Technology Corp
Part # ACS138MS
Download  ACS138MS Download
File Size   186.56 Kbytes
Page   2 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened 3-to-8 Line Decoder/Demultiplexer

ACS138MS Datasheet (PDF)

Go To PDF Page Download Datasheet
ACS138MS Datasheet PDF - Renesas Technology Corp

Part # ACS138MS
Download  ACS138MS Click to download

File Size   186.56 Kbytes
Page   2 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened 3-to-8 Line Decoder/Demultiplexer

ACS138MS Datasheet (HTML) - Renesas Technology Corp


ACS138MS Product details

Features
• QML Qualified Per MIL-PRF-38535 Requirements
• 1.25Micron Radiation Hardened SOS CMOS
• Radiation Environment
- Latch-up Free Under any Conditions
- Total Dose . . . . . . . . . . . . . . . . . . . . . 3 x 105 RAD(Si)
- SEU Immunity . . . . . . . . . . .<1 x 10-10 Errors/Bit/Day
- SEU LET Threshold. . . . . . . . . . . >100MeV/(mg/cm2)
• Input Logic Levels . . . VIL = (0.3V)(VCC), VIH = (0.7V)(VCC)
• Output Current 12mA
• Quiescent Supply Current . . . . . . . . . . . . . . . . . . . 20A
• Propagation Delay . . . . . . . . . . . . . . . . . . . . . . . . . .15ns

Description
The Radiation Hardened ACS138MS is an Inverting 3-to-8
Line Decoder/Demultiplexer with three binary select inputs
(A0, A1 and A2). If the device is enabled, these inputs determine which one of the eight normally high outputs will go
low.
Two active low and one active high enable inputs (E1, E2
and E3) are provided to make cascaded decoder designs
easier to implement.
The ACS138MS is fabricated on a CMOS Silicon on Sapphire (SOS) process, which provides an immunity to Single
Event Latch-up and the capability of highly reliable performance in any radiation environment. These devices offer
significant power reduction and faster performance when
compared to ALSTTL types.
Specifications for Rad Hard QML devices are controlled
by the Defense Supply Center in Columbus (DSCC). The
SMD numbers listed below must be used when ordering.
Detailed Electrical Specifications for the ACS138 are
contained in SMD 5962-98534.




Similar Part No. - ACS138MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS138MS INTERSIL-ACS138MS Datasheet
48Kb / 2P
Radiation Hardened 3-to-8 Line Decoder/Demultiplexer
December 1997
More results


Similar Description - ACS138MS

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS138MS INTERSIL-ACS138MS Datasheet
48Kb / 2P
Radiation Hardened 3-to-8 Line Decoder/Demultiplexer
December 1997
HCS138MS INTERSIL-HCS138MS Datasheet
153Kb / 9P
Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
August 1995
HCS138T INTERSIL-HCS138T Datasheet
158Kb / 3P
Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
July 1999
HCTS138MS INTERSIL-HCTS138MS Datasheet
154Kb / 9P
Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
August 1995
HS-54C138RH INTERSIL-HS-54C138RH Datasheet
38Kb / 6P
Radiation Hardened 3-Line to 8-Line Decoder/Demultiplexer
1996 02
HTCS138MS INTERSIL-HTCS138MS Datasheet
308Kb / 9P
Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
September 12, 2005
HCTS138MS INTERSIL-HCTS138MS_05 Datasheet
308Kb / 9P
Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
September 12, 2005
HCS138MS INTERSIL-HCS138MS_05 Datasheet
306Kb / 9P
Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
September 12, 2005
HS-54C138RH INTERSIL-HS-54C138RH_00 Datasheet
537Kb / 4P
Radiation Hardened 3-Line to 8-Line Decoder/Demultiplexer
August 2000
logo
Renesas Technology Corp
HCTS138MS RENESAS-HCTS138MS Datasheet
442Kb / 9P
Radiation Hardened Inverting 3-to-8 Line Decoder/Demultiplexer
September 12, 2005
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com