Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS245K Datasheet (PDF) - Renesas Technology Corp

ACS245K Datasheet PDF - Renesas Technology Corp
Part # ACS245K
Download  ACS245K Download
File Size   319.95 Kbytes
Page   3 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened Octal Non-Inverting Bidirectional Bus Transceiver

ACS245K Datasheet (PDF)

Go To PDF Page Download Datasheet
ACS245K Datasheet PDF - Renesas Technology Corp

Part # ACS245K
Download  ACS245K Click to download

File Size   319.95 Kbytes
Page   3 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened Octal Non-Inverting Bidirectional Bus Transceiver

ACS245K Datasheet (HTML) - Renesas Technology Corp


ACS245K Product details

Features
• Devices QML Qualified in Accordance with MIL-PRF38535
• Detailed Electrical and Screening Requirements are
Contained in SMD# 5962-96707 and Intersil’ QM Plan
• 1.25 Micron Radiation Hardened SOS CMOS
• Total Dose >300K RAD (Si)
• Single Event Upset (SEU) Immunity: <1 x 10-10 Errors/
Bit/Day (Typ)
• SEU LET Threshold>100 MEV-cm2/mg
• Dose Rate Upset>1011 RAD (Si)/s, 20ns Pulse
• Dose Rate Survivability>1012 RAD (Si)/s, 20ns Pulse
• Latch-Up Free Under Any Conditions
• Military Temperature Range-55oC to +125oC
• Significant Power Reduction Compared to ALSTTL
Logic
• DC Operating Voltage Range 4.5V to 5.5V
• Input Logic Levels
- VIL = 30% of VCC Max
- VIH = 70% of VCC Min
• Input Current  1A at VOL, VOH
• Fast Propagation Delay15ns (Max), 10ns (Typ)

Description
The Intersil ACS245MS is a Radiation Hardened octal noninverting bidirectional bus transceiver intended for two-way
asynchronous communication between data busses.
The ACS245MS utilizes advanced CMOS/SOS technology
to achieve high-speed operation. This device is a member of
radiation hardened, high-speed, CMOS/SOS Logic Family.
The ACS245MS is supplied in a 20 lead Ceramic Flatpack
(K suffix) or a Dual-In-Line Ceramic Package (D suffix).




Similar Part No. - ACS245K

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS245K INTERSIL-ACS245K Datasheet
75Kb / 3P
Radiation Hardened Octal Non-Inverting Bidirectional Bus Transceiver
January 1996
More results


Similar Description - ACS245K

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS245MS INTERSIL-ACS245MS Datasheet
75Kb / 3P
Radiation Hardened Octal Non-Inverting Bidirectional Bus Transceiver
January 1996
ACTS244MS INTERSIL-ACTS244MS Datasheet
47Kb / 3P
Radiation Hardened Octal Non-Inverting Three-State Buffer
January 1996
ACTS245MS INTERSIL-ACTS245MS Datasheet
75Kb / 3P
Radiation Hardened Octal Non-Inverting Bidirectional Bus Transceiver
January 1996
ACTS245T INTERSIL-ACTS245T Datasheet
78Kb / 3P
Radiation Hardened Octal Non-Inverting Bidirectional Bus Transceiver
July 1999
HCS245MS INTERSIL-HCS245MS Datasheet
179Kb / 7P
Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
December 1992
HCTS245MS INTERSIL-HCTS245MS Datasheet
127Kb / 10P
Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
September 1995
HCTS245T INTERSIL-HCTS245T Datasheet
93Kb / 3P
Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
July 1999
logo
Renesas Technology Corp
ACTS244MS RENESAS-ACTS244MS Datasheet
211Kb / 3P
Radiation Hardened Octal Non-Inverting Three-State Buffer
January 1996
HCS245MS RENESAS-HCS245MS Datasheet
531Kb / 8P
Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
December 1992
HCTS245MS RENESAS-HCTS245MS Datasheet
539Kb / 10P
Radiation Hardened Octal Bus Transceiver, Three-State, Non-Inverting
September 1995
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com