Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTS04D Datasheet (PDF) - Renesas Technology Corp

ACTS04D Datasheet PDF - Renesas Technology Corp
Part # ACTS04D
Download  ACTS04D Download
File Size   246.01 Kbytes
Page   2 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened Hex Inverter

ACTS04D Datasheet (PDF)

Go To PDF Page Download Datasheet
ACTS04D Datasheet PDF - Renesas Technology Corp

Part # ACTS04D
Download  ACTS04D Click to download

File Size   246.01 Kbytes
Page   2 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Radiation Hardened Hex Inverter

ACTS04D Datasheet (HTML) - Renesas Technology Corp


ACTS04D Product details

Features
• Devices QML Qualified in Accordance with MIL-PRF-38535
• Detailed Electrical and Screening Requirements are
Contained in SMD# 5962-96712 and Intersil’s QM Plan
• 1.25 Micron Radiation Hardened SOS CMOS
• Total Dose >300K RAD (Si)
• Single Event Upset (SEU) Immunity: <1 x 10-10 Errors/
Bit/Day (Typ)
• SEU LET Threshold>100 MEV-cm2/mg
• Dose Rate Upset>1011 RAD (Si)/s, 20ns Pulse
• Dose Rate Survivability>1012 RAD (Si)/s, 20ns Pulse
• Latch-Up Free Under Any Conditions
• Military Temperature Range-55oC to +125oC
• Significant Power Reduction Compared to ALSTTL
Logic
• DC Operating Voltage Range 4.5V to 5.5V
• Input Logic Levels
- VIL = 0.8V Max
- VIH = VCC/2 Min
• Input Current  1A at VOL, VOH
• Fast Propagation Delay14ns (Max), 9ns (Typ)

Description
The Intersil ACTS04MS is a Radiation Hardened Hex Inverter.
The ACTS04MS utilizes advanced CMOS/SOS technology to
achieve high-speed operation. This device is a member of radiation hardened, high-speed, CMOS/SOS Logic Family.
The ACTS04MS is supplied in a 14 lead Ceramic Flatpack (K
suffix) or a Ceramic Dual-In-Line Package (D suffix).




Similar Part No. - ACTS04D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACTS04D/SAMPLE INTERSIL-ACTS04D/SAMPLE Datasheet
90Kb / 3P
Radiation Hardened Hex Inverter
January 1996
More results


Similar Description - ACTS04D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS04MS INTERSIL-ACS04MS Datasheet
50Kb / 2P
Radiation Hardened Hex Inverter
November 1998
ACS05MS INTERSIL-ACS05MS Datasheet
50Kb / 2P
Radiation Hardened Hex Inverter with Open Drain Outputs
November 1998
HCS04MS INTERSIL-HCS04MS Datasheet
104Kb / 8P
Radiation Hardened Hex Inverter
August 1995
HCS05MS INTERSIL-HCS05MS Datasheet
107Kb / 7P
Radiation Hardened Hex Inverter with Open Drain
September 1995
HCTS04MS INTERSIL-HCTS04MS Datasheet
49Kb / 9P
Radiation Hardened Hex Inverter
August 1995
ACTS04MS INTERSIL-ACTS04MS Datasheet
90Kb / 3P
Radiation Hardened Hex Inverter
January 1996
logo
Renesas Technology Corp
ACS04MS RENESAS-ACS04MS Datasheet
220Kb / 2P
Radiation Hardened Hex Inverter
November 1998
HCS04MS RENESAS-HCS04MS Datasheet
573Kb / 8P
Radiation Hardened Hex Inverter
August 1995
HCS05MS RENESAS-HCS05MS Datasheet
316Kb / 7P
Radiation Hardened Hex Inverter with Open Drain
September 1995
HCTS04MS RENESAS-HCTS04MS Datasheet
575Kb / 8P
Radiation Hardened Hex Inverter
August 1995
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com