Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACTS240D Datasheet (PDF) - Renesas Technology Corp

ACTS240D Datasheet PDF - Renesas Technology Corp
Part # ACTS240D
Download  ACTS240D Download
File Size   208.81 Kbytes
Page   3 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Reliability, Radiation Hardened Octal Buffer/Line Driver, Three-State

ACTS240D Datasheet (PDF)

Go To PDF Page Download Datasheet
ACTS240D Datasheet PDF - Renesas Technology Corp

Part # ACTS240D
Download  ACTS240D Click to download

File Size   208.81 Kbytes
Page   3 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description High Reliability, Radiation Hardened Octal Buffer/Line Driver, Three-State

ACTS240D Datasheet (HTML) - Renesas Technology Corp


ACTS240D Product details

Features
• Devices QML Qualified in Accordance with MIL-PRF-38535
• Detailed Electrical and Screening Requirements are
Contained in SMD# 5962-96717 and Intersil’s QM Plan
• 1.25 Micron Radiation Hardened SOS CMOS
• Total Dose >300K RAD (Si)
• Single Event Upset (SEU) Immunity: <1 x 10-10 Errors/
Bit/Day (Typ)
• SEU LET Threshold>100 MEV-cm2/mg
• Dose Rate Upset>1011 RAD (Si)/s, 20ns Pulse
• Dose Rate Survivability>1012 RAD (Si)/s, 20ns Pulse
• Latch-Up Free Under Any Conditions
• Military Temperature Range-55oC to +125oC
• Significant Power Reduction Compared to ALSTTL
Logic
• DC Operating Voltage Range 4.5V to 5.5V
• Input Logic Levels
- VIL = 0.8V Max
- VIH = VCC/2 Min
• Input Current  1A at VOL, VOH
• Fast Propagation Delay17.5ns (Max), 12ns (Typ)

Description
The Intersil ACTS240MS is a Radiation Hardened High Reliability, High-Speed CMOS/SOS having two active low enable
inputs.
The ACTS240MS utilizes advanced CMOS/SOS technology to
achieve high-speed operation. This device is a member of a
radiation hardened, high-speed, CMOS/SOS Logic Family.
The ACTS240MS is supplied in a 20 lead Ceramic Flatpack (K
suffix) or a Dual-In-Line Ceramic Package (D suffix).




Similar Part No. - ACTS240D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACTS240D INTERSIL-ACTS240D Datasheet
46Kb / 3P
High Reliability, Radiation Hardened Octal Buffer/Line Driver, Three-State
January 1996
ACTS240DTR INTERSIL-ACTS240DTR Datasheet
50Kb / 3P
High Reliability, Radiation Hardened Octal Buffer/Line Driver, Three-State, Inverting
July 1999
More results


Similar Description - ACTS240D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ACS541MS INTERSIL-ACS541MS Datasheet
233Kb / 3P
Radiation Hardened Octal Buffer/ Line Driver Three-State
January 1996
ACTS240MS INTERSIL-ACTS240MS Datasheet
46Kb / 3P
High Reliability, Radiation Hardened Octal Buffer/Line Driver, Three-State
January 1996
ACTS240T INTERSIL-ACTS240T Datasheet
50Kb / 3P
High Reliability, Radiation Hardened Octal Buffer/Line Driver, Three-State, Inverting
July 1999
ACTS541MS INTERSIL-ACTS541MS Datasheet
66Kb / 3P
Radiation Hardened Octal Three-State Buffer/Line Driver
January 1996
ACTS541T INTERSIL-ACTS541T Datasheet
57Kb / 3P
Radiation Hardened Octal Three-State Buffer/Line Driver
July 1999
HCS240MS INTERSIL-HCS240MS Datasheet
144Kb / 10P
Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
HCS244MS INTERSIL-HCS244MS Datasheet
173Kb / 10P
Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
HCTS240AMS INTERSIL-HCTS240AMS Datasheet
192Kb / 10P
Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
HCTS244MS INTERSIL-HCTS244MS Datasheet
192Kb / 10P
Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
logo
Renesas Technology Corp
HCTS244MS RENESAS-HCTS244MS Datasheet
554Kb / 10P
Radiation Hardened Octal Buffer/Line Driver, Three-State
September 1995
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com