Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD590 Datasheet (PDF) - Renesas Technology Corp

AD590 Datasheet PDF - Renesas Technology Corp
Part # AD590
Download  AD590 Download
File Size   631.85 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2-Wire, Current Output Temperature Transducer

AD590 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD590 Datasheet PDF - Renesas Technology Corp

Part # AD590
Download  AD590 Click to download

File Size   631.85 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2-Wire, Current Output Temperature Transducer

AD590 Datasheet (HTML) - Renesas Technology Corp


AD590 Product details

Features
• Linear Current Output . . . . . . . . . . . . . . . . . . . . .1A/oK
• Wide Temperature Range. . . . . . . . . . . -55oC to 150oC
• Two-Terminal Device Voltage In/Current Out
• Wide Power Supply Range . . . . . . . . . . . . +4V to +30V
• Sensor Isolation From Case
• Low Cost

Description
The AD590 is an integrated-circuit temperature transducer
which produces an output current proportional to absolute
temperature. The device acts as a high impedance constant
current regulator, passing 1A/oK for supply voltages between
+4V and +30V. Laser trimming of the chip's thin film resistors is
used to calibrate the device to 298.2A output at 298.2oK
(25oC).
The AD590 should be used in any temperature-sensing
application between -55oC to 150oC in which conventional
electrical temperature sensors are currently employed. The
inherent low cost of a monolithic integrated circuit combined
with the elimination of support circuitry makes the AD590 an
attractive alternative for many temperature measurement
situations. Linearization circuitry, precision voltage
amplifiers, resistance measuring circuitry and cold junction
compensation are not needed in applying the AD590. In the
simplest application, a resistor, a power source and any
voltmeter can be used to measure temperature.
In addition to temperature measurement, applications include
temperature compensation or correction of discrete
components, and biasing proportional to absolute temperature.
The AD590 is particularly useful in remote sensing
applications. The device is insensitive to voltage drops over
long lines due to its high-impedance current output. Any well
insulated twisted pair is sufficient for operation hundreds of
feet from the receiving circuitry. The output characteristics
also make the AD590 easy to multiplex: the current can be
switched by a CMOS multiplexer o




Similar Part No. - AD590

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD590 AD-AD590 Datasheet
3Mb / 16P
Two-Terminal IC Temperature Transducer
9/03-Data Sheet Changed from REV. B to REV. C.
logo
Intersil Corporation
AD590 INTERSIL-AD590 Datasheet
95Kb / 10P
2-Wire, Current Output Temperature Transducer
August 1997
logo
Sensitron
AD590 SENSITRON-AD590 Datasheet
32Kb / 2P
TWO-TERMINAL TEMPERATURE TRANSDUCER
logo
Intersil Corporation
AD590 INTERSIL-AD590 Datasheet
334Kb / 10P
2-Wire, Current Output Temperature Transducer
January 2002
AD590 INTERSIL-AD590 Datasheet
4Mb / 122P
P-CHANNEL JFET
More results


Similar Description - AD590

ManufacturerPart #DatasheetDescription
logo
Analog Devices
TMP17 AD-TMP17 Datasheet
317Kb / 8P
Low Cost, Current Output Temperature Transducer
REV.0
logo
Intersil Corporation
AD590 INTERSIL-AD590 Datasheet
95Kb / 10P
2-Wire, Current Output Temperature Transducer
August 1997
AD590 INTERSIL-AD590_02 Datasheet
334Kb / 10P
2-Wire, Current Output Temperature Transducer
January 2002
logo
LEM
HAL100-S LEM-HAL100-S Datasheet
40Kb / 2P
Current Transducer
logo
Analog Devices
AD590JRZ AD-AD590JRZ Datasheet
346Kb / 16P
2-Terminal IC Temperature Transducer
Rev. E
AD590KF AD-AD590KF Datasheet
423Kb / 16P
2-Terminal IC Temperature Transducer
Rev. G
AD590JH883B AD-AD590JH883B Datasheet
411Kb / 16P
2-Terminal IC Temperature Transducer
Rev. G
AD590JH AD-AD590JH Datasheet
417Kb / 16P
2-Terminal IC Temperature Transducer
Rev. G
logo
Intersil Corporation
ISL71590SEH INTERSIL-ISL71590SEH Datasheet
541Kb / 16P
Radiation Hardened, 2-Terminal Temperature Transducer.
June 3, 2016
logo
Renesas Technology Corp
ISL71590SEH RENESAS-ISL71590SEH Datasheet
608Kb / 17P
Radiation Hardened, 2-Terminal Temperature Transducer
Sep 14, 2018
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com