Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC0808S Datasheet (PDF) - Renesas Technology Corp

ADC0808S Datasheet PDF - Renesas Technology Corp
Part # ADC0808S
Download  ADC0808S Download
File Size   514.63 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single 8-bit ADC, up to 125 MHz or 250 MHz

ADC0808S Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC0808S Datasheet PDF - Renesas Technology Corp

Part # ADC0808S
Download  ADC0808S Click to download

File Size   514.63 Kbytes
Page   22 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single 8-bit ADC, up to 125 MHz or 250 MHz

ADC0808S Datasheet (HTML) - Renesas Technology Corp


ADC0808S Product details

General description
The ADC0808S is a differential, high-speed, 8-bit Analog-to-Digital Converter (ADC)
optimized for telecommunication transmission control systems and tape drive
applications. It allows signal sampling frequencies up to 250 MHz.
The ADC0808S clock inputs are selectable between 1.8 V Complementary Metal Oxide
Semiconductor (CMOS) or Low-Voltage Differential Signals (LVDS). The data output
signal levels are 1.8 V CMOS.
All static digital inputs (CLKSEL, CCSSEL, CE_N, OTC, DEL0 and DEL1) are 1.8 V
CMOS compatible.
The ADC0808S offers the most flexible acquisition control system possible due to its
programmable Complete Conversion Signal (CCS) which allows the delay time of the
acquisition clock and acquisition clock frequency to be adjusted.
The ADC0808S is supplied in an HTQFP48 package

Features
 8-bit resolution
 High-speed sampling rate up to 250 MHz
 Maximum analog input frequency up to 560 MHz
 Programmable acquisition output clock (complete conversion signal)
 Differential analog input
 Integrated voltage regulator or external control for analog input full-scale
 Integrated voltage regulator for input common-mode reference
 Selectable 1.8 V CMOS or LVDS clock input
 1.8 V CMOS digital outputs
 1.8 V CMOS compatible static digital inputs
 Binary or 2’s complement CMOS outputs
 Only 2 clock cycles latency
 Industrial temperature range from 40 C to +85 C
 HTQFP48 package




Similar Part No. - ADC0808S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC0808S125 NXP-ADC0808S125 Datasheet
122Kb / 23P
Single 8-bit ADC, up to 125 MHz or 250 MHz
Rev. 02-7 October 2008
ADC0808S125 PHILIPS-ADC0808S125 Datasheet
121Kb / 23P
Single 8-bit ADC, up to 125 MHz or 250 MHz
Rev. 03-24 February 2009
ADC0808S125 NXP-ADC0808S125 Datasheet
130Kb / 23P
Single 8-bit ADC, up to 125 MHz or 250 MHz
Rev. 03-24 February 2009
logo
Integrated Device Techn...
ADC0808S125 IDT-ADC0808S125 Datasheet
511Kb / 22P
Single 8-bit ADC, up to 125 MHz or 250 MHz
ADC0808S125HW-C1 IDT-ADC0808S125HW-C1 Datasheet
511Kb / 22P
Single 8-bit ADC, up to 125 MHz or 250 MHz
More results


Similar Description - ADC0808S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC0808S125 NXP-ADC0808S125 Datasheet
122Kb / 23P
Single 8-bit ADC, up to 125 MHz or 250 MHz
Rev. 02-7 October 2008
ADC0808S125 PHILIPS-ADC0808S125 Datasheet
121Kb / 23P
Single 8-bit ADC, up to 125 MHz or 250 MHz
Rev. 03-24 February 2009
ADC0804S030 NXP-ADC0804S030 Datasheet
140Kb / 19P
Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
Rev. 02-14 August 2008
ADC0808S125 NXP-ADC0808S125_09 Datasheet
130Kb / 23P
Single 8-bit ADC, up to 125 MHz or 250 MHz
Rev. 03-24 February 2009
ADC1006S055 NXP-ADC1006S055 Datasheet
393Kb / 31P
Single 10 bits ADC, up to 55 MHz or 70 MHz
Rev. 02-12 August 2008
logo
Integrated Device Techn...
ADC0804S030 IDT-ADC0804S030 Datasheet
484Kb / 18P
Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
ADC0808S125 IDT-ADC0808S125 Datasheet
511Kb / 22P
Single 8-bit ADC, up to 125 MHz or 250 MHz
ADC1006S055 IDT-ADC1006S055 Datasheet
817Kb / 30P
Single 10 bits ADC, up to 55 MHz or 70 MHz
logo
Renesas Technology Corp
ADC0804S030 RENESAS-ADC0804S030 Datasheet
487Kb / 18P
Single 8 bits ADC, up to 30 MHz, 40 MHz or 50 MHz
July 2012
ADC1006S055 RENESAS-ADC1006S055 Datasheet
820Kb / 30P
Single 10 bits ADC, up to 55 MHz or 70 MHz
2 July 2012
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com