Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC1010S Datasheet (PDF) - Renesas Technology Corp

ADC1010S Datasheet PDF - Renesas Technology Corp
Part # ADC1010S
Download  ADC1010S Download
File Size   390.56 Kbytes
Page   37 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs

ADC1010S Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC1010S Datasheet PDF - Renesas Technology Corp

Part # ADC1010S
Download  ADC1010S Click to download

File Size   390.56 Kbytes
Page   37 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs

ADC1010S Datasheet (HTML) - Renesas Technology Corp


ADC1010S Product details

General description
The ADC1010S is a single-channel 10-bit Analog-to-Digital Converter (ADC) optimized for
high dynamic performance and low power consumption at sample rates up to 125 Msps.
Pipelined architecture and output error correction ensure the ADC1010S is accurate
enough to guarantee zero missing codes over the entire operating range. Supplied from a
single 3 V source, it can handle output logic levels from 1.8 V to 3.3 V in CMOS mode,
because of a separate digital output supply. It supports the Low Voltage Differential
Signaling (LVDS) Double Data Rate (DDR) output standard. An integrated Serial
Peripheral Interface (SPI) allows the user to easily configure the ADC. The device also
includes a programmable full-scale SPI to allow a flexible input voltage range from
1 V to 2 V (peak-to-peak). With excellent dynamic performance from the baseband to
input frequencies of 170 MHz or more, the ADC1010S is ideal for use in communications,
imaging and medical applications.

Features and benefits
SNR, 62 dBFS; SFDR, 86 dBc  Input bandwidth, 600 MHz
 Sample rate up to 125 Msps  Power dissipation, 430 mW at 80 Msps
 10-bit pipelined ADC core  Serial Peripheral Interface (SPI)
 Clock input divided by 2 for less jitter  Duty cycle stabilizer
 Single 3 V supply  Fast OuT-of-Range (OTR) detection
 Flexible input voltage range: 1 V (p-p) to
2 V (p-p)
 Offset binary, two’s complement, gray
code
 CMOS or LVDS DDR digital outputs  Power-down and Sleep modes
 Pin compatible with the ADC1410S
series and the ADC1210S series
 HVQFN40 package




Similar Part No. - ADC1010S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1010S NXP-ADC1010S Datasheet
284Kb / 36P
Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
logo
Integrated Device Techn...
ADC1010S IDT-ADC1010S Datasheet
386Kb / 37P
Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
ADC1010S065HN-C1 IDT-ADC1010S065HN-C1 Datasheet
386Kb / 37P
Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
NXP Semiconductors
ADC1010S065HN/C1 NXP-ADC1010S065HN/C1 Datasheet
284Kb / 36P
Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
logo
Integrated Device Techn...
ADC1010S080HN-C1 IDT-ADC1010S080HN-C1 Datasheet
386Kb / 37P
Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
More results


Similar Description - ADC1010S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1010S NXP-ADC1010S Datasheet
284Kb / 36P
Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
ADC1210S NXP-ADC1210S Datasheet
288Kb / 36P
Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 01-9 April 2010
ADC1410S NXP-ADC1410S Datasheet
290Kb / 37P
Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 03-12 April 2010
ADC1610S NXP-ADC1610S Datasheet
287Kb / 38P
Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
Rev. 02-12 April 2010
logo
Integrated Device Techn...
ADC1010S IDT-ADC1010S Datasheet
386Kb / 37P
Single 10-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
ADC1210S IDT-ADC1210S Datasheet
386Kb / 37P
Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
ADC1410S IDT-ADC1410S Datasheet
539Kb / 38P
Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
ADC1610S IDT-ADC1610S Datasheet
353Kb / 38P
Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
logo
Renesas Technology Corp
ADC1210S RENESAS-ADC1210S Datasheet
390Kb / 37P
Single 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
ADC1610S RENESAS-ADC1610S Datasheet
357Kb / 38P
Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; CMOS or LVDS DDR digital outputs
2 July 2012
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com