Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC1207S080 Datasheet (PDF) - Renesas Technology Corp

ADC1207S080 Datasheet PDF - Renesas Technology Corp
Part # ADC1207S080
Download  ADC1207S080 Download
File Size   536.19 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single 12 bits ADC, up to 80 MHz with direct/ultra high IF sampling

ADC1207S080 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC1207S080 Datasheet PDF - Renesas Technology Corp

Part # ADC1207S080
Download  ADC1207S080 Click to download

File Size   536.19 Kbytes
Page   20 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Single 12 bits ADC, up to 80 MHz with direct/ultra high IF sampling

ADC1207S080 Datasheet (HTML) - Renesas Technology Corp


ADC1207S080 Product details

General description
The ADC1207S080 is a 12-bit Analog-to-Digital Converter (ADC) optimized for direct
Input Frequency (IF) sampling and supporting the most demanding use conditions in ultra
high IF radio transceivers for cellular infrastructure and other applications such as
wireless infrastructure, optical networking and fixed telecommunication. Due to its
broadband input capabilities, the ADC1207S080 is ideal for single and multiple carriers
data conversion.
Operating at a maximum sampling rate of 80 MHz, analog input signals are converted into
12-bit binary coded digital words. All static digital inputs are CMOS compatible. All output
signals are Low-Voltage Complementary Metal-Oxide Semiconductor (LVCMOS)
compatible. The ADC1207S080 offers the most flexible acquisition control system
because of its programmable Complete Conversion Signal (CCS) that allows to adjust the
delay of the acquisition clock.
The ADC1207S080 offers the lowest input capacitance (< 1 pF) and therefore the highest
flexibility in front-end aliasing filter strategy because of its internal front-end buffer.

Features
 12-bit resolution
 Differential input with 375 MHz bandwidth
 90 dB SFDR; 71 dB S/N (fi = 225 MHz; fclk = 80 MHz; B = 5 MHz)
 74 dB SFDR; 66.5 dB S/N (fi = 175 MHz; fclk = 80 MHz; B = Nyquist)
 High speed sampling rate up to 80 MHz
 Internal front-end buffer (input capacitance < 1 pF)
 Programmable acquisition output clock (complete conversion signal)
 Full-scale controllable from 1.5 V to 2 V (p-p); continuous scale
 Single 5 V power supply
 3.3 V LVCMOS compatible digital outputs
 Binary or two’s-complement LVCMOS outputs
 CMOS compatible static digital inputs
 Only 2 clock cycles latency
 Industrial temperature range from 40 C to +85 C
 HTQFP48 package




Similar Part No. - ADC1207S080

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1207S080 NXP-ADC1207S080 Datasheet
137Kb / 21P
Single 12 bits ADC, up to 80 MHz with direct/ultra high IF sampling
Rev. 02-7 August 2008
logo
Integrated Device Techn...
ADC1207S080 IDT-ADC1207S080 Datasheet
532Kb / 20P
Single 12 bits ADC, up to 80 MHz with direct/ultra high IF sampling
logo
NXP Semiconductors
ADC1207S080HW NXP-ADC1207S080HW Datasheet
137Kb / 21P
Single 12 bits ADC, up to 80 MHz with direct/ultra high IF sampling
Rev. 02-7 August 2008
logo
Integrated Device Techn...
ADC1207S080HW IDT-ADC1207S080HW Datasheet
532Kb / 20P
Single 12 bits ADC, up to 80 MHz with direct/ultra high IF sampling
More results


Similar Description - ADC1207S080

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA9910 PHILIPS-TDA9910 Datasheet
138Kb / 21P
12-bit, up to 80 Msample/s, Analog-to-Digital Converter (ADC) direct/ultra high IF sampling
Rev. 02-9 December 2004
ADC0801S040 NXP-ADC0801S040 Datasheet
123Kb / 19P
Single 8 bits ADC, up to 40 MHz
Rev. 02-18 August 2008
ADC1002S020 NXP-ADC1002S020 Datasheet
127Kb / 19P
Single 10 bits ADC, up to 20 MHz
Rev. 02-13 August 2008
ADC1206S040 NXP-ADC1206S040 Datasheet
521Kb / 32P
Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
Rev. 02-12 August 2008
ADC1207S080 NXP-ADC1207S080 Datasheet
137Kb / 21P
Single 12 bits ADC, up to 80 MHz with direct/ultra high IF sampling
Rev. 02-7 August 2008
logo
Integrated Device Techn...
ADC1002S020 IDT-ADC1002S020 Datasheet
426Kb / 18P
Single 10 bits ADC, up to 20 MHz
ADC1207S080 IDT-ADC1207S080 Datasheet
532Kb / 20P
Single 12 bits ADC, up to 80 MHz with direct/ultra high IF sampling
logo
Renesas Technology Corp
ADC1002S020 RENESAS-ADC1002S020 Datasheet
429Kb / 18P
Single 10 bits ADC, up to 20 MHz
2 July 2012
ADC1005S060 RENESAS-ADC1005S060 Datasheet
440Kb / 18P
Single 10 bits ADC, up to 60 MHz
2 July 2012
ADC1206S040 RENESAS-ADC1206S040 Datasheet
1Mb / 31P
Single 12 bits ADC, up to 40 MHz, 55 MHz or 70 MHz
2 July 2012
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com