| Manufacturer | Part # | Datasheet | Description |
 Infineon Technologies A... |
2ED2108S06F
|
1Mb / 25P |
650 V half bridge gate driver with integrated bootstrap diode
V 2.22 2020-07-02 |
|
2ED2109S06F
|
1Mb / 26P |
650 V half bridge gate driver with integrated bootstrap diode
V 2.22 2020-07-02 |
|
2ED2182S06F
|
2Mb / 25P |
650 V half-bridge gate driver with integrated bootstrap diode
V 2.21 2020-07-07 |
|
2ED21091S06F
|
1Mb / 26P |
650 V half bridge gate driver with integrated bootstrap diode
V 2.22 2020-07-02 |
|
2ED2304S06F
|
1Mb / 14P |
650 V Half Bridge Gate Driver with Integrated Bootstrap Diode (BSD)
Version 2.6 2020-07-07 |
|
2ED2104S06F
|
1Mb / 25P |
650 V half bridge gate driver with integrated bootstrap diode
V 2.3 2020-12-07 |
|
2ED2103S06F
|
1Mb / 25P |
650 V half bridge gate driver with integrated bootstrap diode
V 2.3 2020-12-07 |
|
2EDL23
|
2Mb / 21P |
600 V Half Bridge Gate Driver with OCP and Integrated Bootstrap Diode
Version 2.7 2020-07-07 |
|
2ED2742S01G
|
572Kb / 24P |
160 V half bridge SOI gate driver with integrated bootstrap diode
V 1.0 2023-06-01 |
|
2ED2748S01G
|
579Kb / 23P |
160 V half bridge SOI gate driver with integrated bootstrap diode
V 1.0 2023-06-01 |