Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

212113003 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

212113003 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 212113003
Download  212113003 Download
File Size   294.64 Kbytes
Page   5 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-D-SUB Filter Solder Cup

212113003 Datasheet (PDF)

Go To PDF Page Download Datasheet
212113003 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 212113003
Download  212113003 Click to download

File Size   294.64 Kbytes
Page   5 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-D-SUB Filter Solder Cup

212113003 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


212113003 Product details

General Information:
Operating Temperature -55 up to +125 °C
Storage Conditions (in original
packaging) < 40 °C ; < 75 % RH
Moisture Sensitivity Level (MSL) 1
Test conditions of Electrical Properties: +20 °C, 33 % RH if not specified differently




Similar Part No. - 212113003

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
212113023 WURTH-212113023 Datasheet
295Kb / 5P
WE-D-SUB-Filter Solder Cup
001.001
More results


Similar Description - 212113003

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
210113003 WURTH-210113003 Datasheet
290Kb / 5P
WE-D-SUB Filter Solder Cup
001.001
210113023 WURTH-210113023 Datasheet
291Kb / 5P
WE-D-SUB Filter Solder Cup
001.001
210613003 WURTH-210613003 Datasheet
297Kb / 5P
WE-D-SUB Filter Solder Cup
001.001
212113023 WURTH-212113023 Datasheet
295Kb / 5P
WE-D-SUB-Filter Solder Cup
001.001
212613003 WURTH-212613003 Datasheet
303Kb / 5P
WE-D-SUB Filter Solder Cup
001.001
212613023 WURTH-212613023 Datasheet
304Kb / 5P
WE-D-SUB Filter Solder Cup
001.001
214113003 WURTH-214113003 Datasheet
301Kb / 5P
WE-D-SUB Filter Solder Cup
001.001
214613023 WURTH-214613023 Datasheet
314Kb / 5P
WE-D-SUB Filter Solder Cup
001.001
216113023 WURTH-216113023 Datasheet
308Kb / 5P
WE-D-SUB-Filter Solder Cup
001.001
216613023 WURTH-216613023 Datasheet
323Kb / 5P
WE-D-SUB-Filter Solder Cup
001.001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com