Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM4T6V7AY Datasheet (PDF) - STMicroelectronics

SM4T6V7AY Datasheet PDF - STMicroelectronics
Part # SM4T6V7AY
Download  SM4T6V7AY Download
File Size   642.05 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 400 W TVS in SMA

SM4T6V7AY Datasheet (PDF)

Go To PDF Page Download Datasheet
SM4T6V7AY Datasheet PDF - STMicroelectronics

Part # SM4T6V7AY
Download  SM4T6V7AY Click to download

File Size   642.05 Kbytes
Page   14 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 400 W TVS in SMA

SM4T6V7AY Datasheet (HTML) - STMicroelectronics


SM4T6V7AY Product details

Features
AEC-Q101 qualified
Peak pulse power:
– 400 W (10/1000 μs)
– 2.3 kW (8/20 μs)
Stand-off voltage range from 5 V to 70 V
Unidirectional and bidirectional types
Low leakage current:
– 0.2 μA at 25 °C
– 1 μA at 85 °C
Operating Tj max: 150 °C
JEDEC registered package outline
Resin meets UL94, V0

Description
The SM4TY series are designed to protect sensitive automotive circuits against
surges defined in ISO 7637-2 and against electrostatic discharges according to
ISO 10605.
The Planar technology makes it compatible with high-end circuits where low leakage
current and high junction temperature are required to provide long term reliability and
stability. SM4TY devices are packaged in SMA (SMA footprint in accordance with
IPC 7531 standard).




Similar Part No. - SM4T6V7AY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM4T6V7AY STMICROELECTRONICS-SM4T6V7AY Datasheet
237Kb / 12P
Automotive 400 W Transil
27-Mar-2012
SM4T6V7AY STMICROELECTRONICS-SM4T6V7AY Datasheet
237Kb / 12P
Automotive 400 W Transil
27-Mar-2012
SM4T6V7AYCAY STMICROELECTRONICS-SM4T6V7AYCAY Datasheet
237Kb / 12P
Automotive 400 W Transil
27-Mar-2012
More results


Similar Description - SM4T6V7AY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM4T6V7AY STMICROELECTRONICS-SM4T6V7AY Datasheet
237Kb / 12P
Automotive 400 W Transil
27-Mar-2012
SM4T28AY STMICROELECTRONICS-SM4T28AY Datasheet
237Kb / 12P
Automotive 400 W Transil
27-Mar-2012
SM4T68AY STMICROELECTRONICS-SM4T68AY Datasheet
237Kb / 12P
Automotive 400 W Transil
27-Mar-2012
SM4T33CAY STMICROELECTRONICS-SM4T33CAY Datasheet
237Kb / 12P
Automotive 400 W Transil
27-Mar-2012
SM4T18CAY STMICROELECTRONICS-SM4T18CAY Datasheet
237Kb / 12P
Automotive 400 W Transil
27-Mar-2012
SMA6T36AY STMICROELECTRONICS-SMA6T36AY Datasheet
644Kb / 13P
Automotive 600 W TVS in SMA
28-Oct-2020
SMA4FXXA STMICROELECTRONICS-SMA4FXXA Datasheet
655Kb / 14P
400 W TVS in SMA Flat
25-Nov-2019
SMA6FXXA STMICROELECTRONICS-SMA6FXXA Datasheet
663Kb / 14P
600 W TVS in SMA Flat
02-Sep-2019
SM30TXXAY STMICROELECTRONICS-SM30TXXAY Datasheet
1Mb / 16P
Automotive 3000 W TVS in SMC
21-Feb-2023
SM50TXXAY STMICROELECTRONICS-SM50TXXAY Datasheet
1Mb / 15P
Automotive 5000 W TVS in SMC
22-Nov-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com