Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM30T12AY Datasheet (PDF) - STMicroelectronics

SM30T12AY Datasheet PDF - STMicroelectronics
Part # SM30T12AY
Download  SM30T12AY Download
File Size   1201.9 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 3000 W TVS in SMC

SM30T12AY Datasheet (PDF)

Go To PDF Page Download Datasheet
SM30T12AY Datasheet PDF - STMicroelectronics

Part # SM30T12AY
Download  SM30T12AY Click to download

File Size   1201.9 Kbytes
Page   16 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Automotive 3000 W TVS in SMC

SM30T12AY Datasheet (HTML) - STMicroelectronics


SM30T12AY Product details

Features
• AEC-Q101 qualified
• Peak pulse power:
– 3000 W (10/1000 μs)
– up to 40 kW (8/20 μs)
• Stand-off voltage range from 5 V to 188 V
• Unidirectional and bidirectional types
• Low leakage current: 0.2 μA at 25 °C
• Operating Tj max: 175 °C
• JEDEC registered package outline
• Lead finishing: matte tin plating

Description
The SM30TY series are designed to protect sensitive automotive circuits against
surges defined in ISO 7637-2 and against electrostatic discharges according to
ISO 10605.
The planar technology makes it compatible with high-end circuits where low leakage
current and high junction temperature are required to provide long-term reliability and
stability.




Similar Part No. - SM30T12AY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM30T15AY STMICROELECTRONICS-SM30T15AY Datasheet
277Kb / 12P
Automotive 3000 W Transil
23-Jun-2014
SM30T15AYCAY STMICROELECTRONICS-SM30T15AYCAY Datasheet
277Kb / 12P
Automotive 3000 W Transil
23-Jun-2014
SM30T18AY STMICROELECTRONICS-SM30T18AY Datasheet
236Kb / 13P
Automotive 3000 W Transil™
27-Mar-2012
SM30T18AY STMICROELECTRONICS-SM30T18AY Datasheet
277Kb / 12P
Automotive 3000 W Transil
23-Jun-2014
SM30T18AYCAY STMICROELECTRONICS-SM30T18AYCAY Datasheet
277Kb / 12P
Automotive 3000 W Transil
23-Jun-2014
More results


Similar Description - SM30T12AY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM30T18AY STMICROELECTRONICS-SM30T18AY Datasheet
236Kb / 13P
Automotive 3000 W Transil™
27-Mar-2012
SMC30J10A STMICROELECTRONICS-SMC30J10A Datasheet
132Kb / 10P
3000 W Transil™
28-Jul-2011
SM30T28CAY STMICROELECTRONICS-SM30T28CAY Datasheet
277Kb / 12P
Automotive 3000 W Transil
23-Jun-2014
SMC30J10CA STMICROELECTRONICS-SMC30J10CA Datasheet
132Kb / 10P
3000 W Transil
28-Jul-2011
logo
Protek Devices
SM3KW08A PROTEC-SM3KW08A Datasheet
482Kb / 6P
3000 WATT TVS COMPONENT
logo
STMicroelectronics
SMA6T36AY STMICROELECTRONICS-SMA6T36AY Datasheet
644Kb / 13P
Automotive 600 W TVS in SMA
28-Oct-2020
SM4TXXAY STMICROELECTRONICS-SM4TXXAY Datasheet
642Kb / 14P
Automotive 400 W TVS in SMA
26-Jan-2022
SM50TXXAY STMICROELECTRONICS-SM50TXXAY Datasheet
1Mb / 15P
Automotive 5000 W TVS in SMC
22-Nov-2022
SMC30JXXA STMICROELECTRONICS-SMC30JXXA Datasheet
672Kb / 13P
3000 W TVS in SMC
31-Jan-2022
SMC50JXXA STMICROELECTRONICS-SMC50JXXA Datasheet
484Kb / 12P
5000 W TVS in SMC
03-Nov-2021
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com