Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST25TB04K Datasheet (PDF) - STMicroelectronics

ST25TB04K Datasheet PDF - STMicroelectronics
Part # ST25TB04K
Download  ST25TB04K Download
File Size   860.67 Kbytes
Page   47 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 13.56 MHz short-range contactless memory chip with 4096-bit EEPROM and anticollision functions

ST25TB04K Datasheet (PDF)

Go To PDF Page Download Datasheet
ST25TB04K Datasheet PDF - STMicroelectronics

Part # ST25TB04K
Download  ST25TB04K Click to download

File Size   860.67 Kbytes
Page   47 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 13.56 MHz short-range contactless memory chip with 4096-bit EEPROM and anticollision functions

ST25TB04K Datasheet (HTML) - STMicroelectronics


ST25TB04K Product details

Features
• ISO 14443-2 Type B air interface compliant
• ISO 14443-3 Type B frame format compliant
• 13.56 MHz carrier frequency
• 847 kHz subcarrier frequency
• 106 Kbit/second data transfer
• 8 bit Chip_ID based anticollision system
• 2 count-down binary counters with automated anti-tearing protection
• 64-bit Unique Identifier
• 4096-bit EEPROM with write protect feature
• Read_block and Write_block (32 bits)
• Internal tuning capacitor: 68 pF
• 1 million erase/write cycles
• 40-year data retention
• Self-timed programming cycle
• 5 ms typical programming time




Similar Part No. - ST25TB04K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST25TB02K STMICROELECTRONICS-ST25TB02K Datasheet
827Kb / 47P
13.56 MHz short-range contactless memory chip with 2048-bit EEPROM and anticollision functions
Rev 7 - February 2023
ST25TB02K-AC6G6 STMICROELECTRONICS-ST25TB02K-AC6G6 Datasheet
827Kb / 47P
13.56 MHz short-range contactless memory chip with 2048-bit EEPROM and anticollision functions
Rev 7 - February 2023
ST25TB02K-AC6U6 STMICROELECTRONICS-ST25TB02K-AC6U6 Datasheet
827Kb / 47P
13.56 MHz short-range contactless memory chip with 2048-bit EEPROM and anticollision functions
Rev 7 - February 2023
More results


Similar Description - ST25TB04K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SRIX4K STMICROELECTRONICS-SRIX4K_07 Datasheet
482Kb / 50P
13.56 MHz short-range contactless memory chip with 4096-bit EEPROM, anticollision and anti-clone functions
10-Apr-2007
SRI4K STMICROELECTRONICS-SRI4K Datasheet
392Kb / 45P
13.56 MHz short-range contactless memory chip with 4096-bit EEPROM and anticollision functions
28-Aug-2008
SRI512 STMICROELECTRONICS-SRI512_08 Datasheet
396Kb / 47P
13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
28-Aug-2008
SRIX4K STMICROELECTRONICS-SRIX4K_08 Datasheet
401Kb / 47P
13.56 MHz short-range contactless memory chip with 4096-bit EEPROM, anticollision and anti-clone functions
28-Aug-2008
SRT512 STMICROELECTRONICS-SRT512_08 Datasheet
387Kb / 46P
13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
28-Aug-2008
SRT512 STMICROELECTRONICS-SRT512_09 Datasheet
478Kb / 46P
13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
28-Jul-2009
SRI4K STMICROELECTRONICS-SRI4K_11 Datasheet
339Kb / 46P
13.56 MHz short-range contactless memory chip with 4096-bit EEPROM and anticollision functions
09-Sep-2011
SRI512 STMICROELECTRONICS-SRI512_11 Datasheet
380Kb / 47P
13.56 MHz short-range contactless memory chip with 512-bit EEPROM and anticollision functions
13-Sep-2011
SRIX4K STMICROELECTRONICS-SRIX4K_11 Datasheet
347Kb / 48P
13.56 MHz short-range contactless memory chip with 4096-bit EEPROM, anticollision and anti-clone functions
13-Sep-2011
ST25TB02K STMICROELECTRONICS-ST25TB02K Datasheet
827Kb / 47P
13.56 MHz short-range contactless memory chip with 2048-bit EEPROM and anticollision functions
Rev 7 - February 2023
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com