Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5P49V5935 Datasheet (PDF) - Renesas Technology Corp

5P49V5935 Datasheet PDF - Renesas Technology Corp
Part # 5P49V5935
Download  5P49V5935 Download
File Size   609.27 Kbytes
Page   33 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Programmable Clock Generator

5P49V5935 Datasheet (PDF)

Go To PDF Page Download Datasheet
5P49V5935 Datasheet PDF - Renesas Technology Corp

Part # 5P49V5935
Download  5P49V5935 Click to download

File Size   609.27 Kbytes
Page   33 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Programmable Clock Generator

5P49V5935 Datasheet (HTML) - Renesas Technology Corp


5P49V5935 Product details

Features
• Generates up to four independent output frequencies
• High-performance, low phase noise PLL, < 0.7 ps RMS
typical phase jitter on outputs:
– PCIe Gen1, 2, 3 compliant clock capability
– USB 3.0 compliant clock capability
– 1GbE and 10GbE
• Four fractional output dividers (FODs)
• Independent spread spectrum capability on each output
pair
• Four banks of internal non-volatile in-system
programmable or factory programmable OTP memory
• I2C serial programming interface
• One reference LVCMOS output clock
• Four universal output pairs:
– Each configurable as one differential output pair or two
LVCMOS outputs
• I/O standards:
– Single-ended I/Os: 1.8V to 3.3V LVCMOS
– Differential I/Os: LVPECL, LVDS and HCSL
• Input frequency ranges:
– LVDS, LVPECL, HCSL differential clock input (CLKIN,
CLKINB) – 1MHz to 350MHz
• Output frequency ranges:
– LVCMOS clock outputs: 1MHz to 200MHz
– LVDS, LVPECL, HCSL differential clock outputs: 1MHz
to 350MHz
• Individually selectable output voltage (1.8V, 2.5V, 3.3V) for
each output pair
• Redundant clock inputs with manual switchover
• Programmable loop bandwidth
• Programmable output to output skew
• Programmable slew rate control
• Individual output enable/disable
• Power-down mode
• 1.8V, 2.5V or 3.3V core VDDD, VDDA
• 4 x 4 mm 24-LGA package
• -40° to +85°C industrial temperature operation




Similar Part No. - 5P49V5935

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
5P49V5935 IDT-5P49V5935 Datasheet
432Kb / 33P
Generates up to four independent output frequencies
5P49V5935 IDT-5P49V5935 Datasheet
431Kb / 33P
Programmable Clock Generator
5P49V5935 IDT-5P49V5935 Datasheet
460Kb / 32P
Programmable Clock Generator
5P49V5935BdddLTGI IDT-5P49V5935BdddLTGI Datasheet
432Kb / 33P
Programmable Clock Generator
5P49V5935BdddLTGI8 IDT-5P49V5935BdddLTGI8 Datasheet
432Kb / 33P
Programmable Clock Generator
More results


Similar Description - 5P49V5935

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CGS410 NSC-CGS410 Datasheet
285Kb / 18P
Programmable Clock Generator
logo
ON Semiconductor
NB3H63143G ONSEMI-NB3H63143G Datasheet
302Kb / 24P
Programmable Clock Generator
October, 2015 ??Rev. 2
logo
Integrated Device Techn...
5P49V5933 IDT-5P49V5933_16 Datasheet
433Kb / 33P
Programmable Clock Generator
5P49V5944 IDT-5P49V5944_16 Datasheet
416Kb / 32P
Programmable Clock Generator
5P49V5913 IDT-5P49V5913_17 Datasheet
482Kb / 37P
Programmable Clock Generator
5P49V5929 IDT-5P49V5929_17 Datasheet
360Kb / 27P
Programmable Clock Generator
5P49V5943 IDT-5P49V5943_17 Datasheet
415Kb / 33P
Programmable Clock Generator
5P35021 IDT-5P35021_17 Datasheet
381Kb / 34P
Programmable Clock Generator
5P35023 IDT-5P35023_17 Datasheet
385Kb / 34P
Programmable Clock Generator
5P49V5925 IDT-5P49V5925_1 Datasheet
413Kb / 27P
Programmable Clock Generator
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com