Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9FGU0231 Datasheet (PDF) - Renesas Technology Corp

9FGU0231 Datasheet PDF - Renesas Technology Corp
Part # 9FGU0231
Download  9FGU0231 Download
File Size   389.5 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2 O/P 1.5V PCIe Gen1-2-3 Clock Generator

9FGU0231 Datasheet (PDF)

Go To PDF Page Download Datasheet
9FGU0231 Datasheet PDF - Renesas Technology Corp

Part # 9FGU0231
Download  9FGU0231 Click to download

File Size   389.5 Kbytes
Page   16 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2 O/P 1.5V PCIe Gen1-2-3 Clock Generator

9FGU0231 Datasheet (HTML) - Renesas Technology Corp


9FGU0231 Product details

Description
The 9FGU0231 is a member of IDT's 1.5V Ultra-Low-Power
PCIe clock family. The device has 2output enables for clock
management, 2 different spread spectrum levels in addition to
spread off and 2 selectable SMBus addresses.
Recommended Application
1.5V PCIe Gen1-2-3 clock generator
Output Features
• 2 - 100MHz Low-Power (LP) HCSL DIF pairs
• 1 - 1.5V LVCMOS REF output w/Wake-On-LAN (WOL)
support
Key Specifications
• DIF cycle-to-cycle jitter <50ps
• DIF output-to-output skew <50ps
• DIF phase jitter is PCIe Gen1-2-3 compliant
• REF phase jitter is < 3.0ps RMS

Features/Benefits
• LP-HCSL outputs; save 4 resistors compared to standard
PCIe devices
• 23mW typical power consumption; reduced thermal
concerns
• OE# pins; support DIF power management
• Programmable Slew rate for each output; allows tuning for
various line lengths
• Programmable output amplitude; allows tuning for various
application environments
• DIF outputs blocked until PLL is locked; clean system
start-up
• Selectable 0%, -0.25% or -0.5% spread on DIF outputs;
reduces EMI
• External 25MHz crystal; supports tight ppm with 0 ppm
synthesis error
• Configuration can be accomplished with strapping pins;
SMBus interface not required for device control
• Selectable SMBus addresses; multiple devices can easily
share an SMBus segment
• 3.3V tolerant SMBus interface works with legacy controllers
• Space saving 24-pin 4x4 mm VFQFPN; minimal board
space




Similar Part No. - 9FGU0231

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FGU0231 IDT-9FGU0231 Datasheet
197Kb / 15P
Programmable output amplitude
9FGU0231 IDT-9FGU0231 Datasheet
197Kb / 15P
2 O/P 1.5V PCIe Gen1-2-3 Clock Generator
logo
Renesas Technology Corp
9FGU0231 RENESAS-9FGU0231 Datasheet
394Kb / 14P
2-Output 1.5V PCIe Gen1–3 Clock Generator
December 2, 2025
logo
Integrated Device Techn...
9FGU0231AKILF IDT-9FGU0231AKILF Datasheet
197Kb / 15P
2 O/P 1.5V PCIe Gen1-2-3 Clock Generator
logo
Renesas Technology Corp
9FGU0231AKILF RENESAS-9FGU0231AKILF Datasheet
394Kb / 14P
2-Output 1.5V PCIe Gen1–3 Clock Generator
December 2, 2025
More results


Similar Description - 9FGU0231

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FGU0231 IDT-9FGU0231_16 Datasheet
197Kb / 15P
2 O/P 1.5V PCIe Gen1-2-3 Clock Generator
9FGU0241 IDT-9FGU0241_16 Datasheet
205Kb / 15P
2 O/P 1.5V PCIe Gen1-2-3 Clock Generator
9FGU0431 IDT-9FGU0431_16 Datasheet
198Kb / 15P
4 O/P 1.5V PCIe Gen1-2-3 Clock Generator
9FGU0441 IDT-9FGU0441_16 Datasheet
202Kb / 15P
4 O/P 1.5V PCIe Gen1-2-3 Clock Generator
9FGU0641 IDT-9FGU0641_16 Datasheet
211Kb / 15P
6 O/P 1.5V PCIe Gen1-2-3 Clock Generator
9FGU0841 IDT-9FGU0841_16 Datasheet
207Kb / 16P
8-output 1.5V PCIe Gen1-2-3 Clock Generator
logo
Renesas Technology Corp
9FGU0241 RENESAS-9FGU0241 Datasheet
398Kb / 16P
2 O/P 1.5V PCIe Gen1-2-3 Clock Generator w/Zo=100ohms
OCTOBER 18, 2016
9FGU0431 RENESAS-9FGU0431 Datasheet
391Kb / 16P
4 O/P 1.5V PCIe Gen1-2-3 Clock Generator
OCTOBER 18, 2016
9FGU0441 RENESAS-9FGU0441 Datasheet
394Kb / 16P
4 O/P 1.5V PCIe Gen1-2-3 Clock Generator w/Zo=100ohms
OCTOBER 18, 2016
9FGU0641 RENESAS-9FGU0641 Datasheet
403Kb / 16P
6 O/P 1.5V PCIe Gen1-2-3 Clock Generator w/Zo=100ohms
OCTOBER 18, 2016
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com