Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9FGV0241 Datasheet (PDF) - Renesas Technology Corp

9FGV0241 Datasheet PDF - Renesas Technology Corp
Part # 9FGV0241
Download  9FGV0241 Download
File Size   616.42 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2-OUTPUT VERY LOW POWER PCIE GEN 1–4 CLOCK GENERATOR

9FGV0241 Datasheet (PDF)

Go To PDF Page Download Datasheet
9FGV0241 Datasheet PDF - Renesas Technology Corp

Part # 9FGV0241
Download  9FGV0241 Click to download

File Size   616.42 Kbytes
Page   15 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 2-OUTPUT VERY LOW POWER PCIE GEN 1–4 CLOCK GENERATOR

9FGV0241 Datasheet (HTML) - Renesas Technology Corp


9FGV0241 Product details

Features/Benefits
• Integrated terminations provide 100 differential Zo;
reduced component count and board space
• 1.8V operation; reduced power consumption
• OE# pins; support DIF power management
• LP-HCSL differential clock outputs; reduced power and
board space
• Programmable Slew rate for each output; allows tuning
for various line lengths
• Programmable output amplitude; allows tuning for
various application environments
• DIF outputs blocked until PLL is locked; clean system
start-up
• Selectable 0%, -0.25% or -0.5% spread on DIF outputs;
reduces EMI
• External 25MHz crystal; supports tight ppm with 0 ppm
synthesis error
• Configuration can be accomplished with strapping pins;
SMBus interface not required for device control
• 3.3V tolerant SMBus interface works with legacy
controllers
• Space saving 4 x 4 mm 24-VFQFPN; minimal board
space




Similar Part No. - 9FGV0241

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FGV0241 IDT-9FGV0241 Datasheet
230Kb / 15P
Programmable Slew rate for each output
9FGV0241 IDT-9FGV0241 Datasheet
230Kb / 15P
2-OUTPUT VERY LOW POWER PCIE GEN1/2/3 CLOCK GENERATOR
logo
Renesas Technology Corp
9FGV0241 RENESAS-9FGV0241 Datasheet
593Kb / 15P
2-Output Very Low Power PCIe Gen 1–4 Clock Generator
December 1, 2025
logo
Integrated Device Techn...
9FGV0241AKILF IDT-9FGV0241AKILF Datasheet
230Kb / 15P
2-OUTPUT VERY LOW POWER PCIE GEN1/2/3 CLOCK GENERATOR
9FGV0241AKILF IDT-9FGV0241AKILF Datasheet
290Kb / 16P
2-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
More results


Similar Description - 9FGV0241

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9FGV0231 IDT-9FGV0231_17 Datasheet
281Kb / 16P
2-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
9FGV0241 IDT-9FGV0241_17 Datasheet
290Kb / 16P
2-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
9FGV0431 IDT-9FGV0431_17 Datasheet
289Kb / 16P
4-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
9FGV0441 IDT-9FGV0441_17 Datasheet
294Kb / 16P
4-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
9FGV0631 IDT-9FGV0631 Datasheet
264Kb / 16P
6-Output Very Low-Power PCIe Gen 1-2-3-4 Clock Generator
logo
Renesas Technology Corp
9FGV0231 RENESAS-9FGV0231 Datasheet
673Kb / 17P
2-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
JUNE 6, 2019
9FGV0431 RENESAS-9FGV0431 Datasheet
693Kb / 17P
4-OUTPUT VERY LOW POWER PCIE GEN 1-2-3-4 CLOCK GENERATOR
JUNE 6, 2019
9FGV0441 RENESAS-9FGV0441 Datasheet
688Kb / 17P
4-OUTPUT VERY LOW POWER PCIE GEN 1–4 CLOCK GENERATOR
JUNE 6, 2019
9FGV0631C RENESAS-9FGV0631C Datasheet
648Kb / 17P
6-Output Very Low-Power PCIe Gen 1-2-3-4 Clock Generator
JUNE 6, 2019
9FGV0831 RENESAS-9FGV0831 Datasheet
516Kb / 16P
8-Output Very Low-Power PCIe Gen 1–4 Clock Generator
JUNE 6, 2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com