Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9LPRS477C Datasheet (PDF) - Renesas Technology Corp

9LPRS477C Datasheet PDF - Renesas Technology Corp
Part # 9LPRS477C
Download  9LPRS477C Download
File Size   416.39 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Programmable System Clock Chip for ATI RD790 - K8TM Based Systems

9LPRS477C Datasheet (PDF)

Go To PDF Page Download Datasheet
9LPRS477C Datasheet PDF - Renesas Technology Corp

Part # 9LPRS477C
Download  9LPRS477C Click to download

File Size   416.39 Kbytes
Page   25 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Programmable System Clock Chip for ATI RD790 - K8TM Based Systems

9LPRS477C Datasheet (HTML) - Renesas Technology Corp


9LPRS477C Product details

Recommended Application:
ATI RS780/RS790/RD790/RS880 systems using AMD
K8 processors
Output Features:
• 2 - Greyhound compatible K8 CPU pair
• 6 - low-power differential SRC pairs
• 2 - low-power differential SouthBridge SRC pairs
• 4 - low-power differential ATIG pairs
• 1 - Selectable low-power differential 100MHz nonspread
SATA/ SRC output
• 1 - Selectable 100MHz low-power differential/ 66 MHz
single-ended HTT clock
• 2 - 48MHz USB clock
• 3 - 14.318MHz Reference clock

Key Specifications:
• CPU outputs cycle-to-cycle jitter < 85ps
• SRC outputs cycle-to-cycle jitter < 125ps
• ATIG outputs cycle-to-cycle jitter < 125ps
• +/- 300ppm frequency accuracy on CPU, SRC & ATIG
clocks
Features/Benefits:
• CPU, ATIG, SB_SRC and SRC outputs are
independently programmable for frequency
• Spread Spectrum for EMI reduction
• Outputs may be disabled via SMBus
• External crystal load capacitors for maximum
frequency accuracy
• Meets PCIEX Gen2 specifications




Similar Part No. - 9LPRS477C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9LPRS477D RENESAS-9LPRS477D Datasheet
548Kb / 27P
PROGRAMMABLE SYSTEM CLOCK CHIP FOR ATI RD790-K8TM BASED SYSTEMS
REV C 010715
9LPRS477DKLF RENESAS-9LPRS477DKLF Datasheet
548Kb / 27P
PROGRAMMABLE SYSTEM CLOCK CHIP FOR ATI RD790-K8TM BASED SYSTEMS
REV C 010715
9LPRS477DKLFT RENESAS-9LPRS477DKLFT Datasheet
548Kb / 27P
PROGRAMMABLE SYSTEM CLOCK CHIP FOR ATI RD790-K8TM BASED SYSTEMS
REV C 010715
More results


Similar Description - 9LPRS477C

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS951413 ICST-ICS951413 Datasheet
306Kb / 23P
Programmable System Clock Chip for ATI RS400 P4-based Systems
logo
Integrated Device Techn...
ICS951464 IDT-ICS951464 Datasheet
248Kb / 24P
Programmable System Clock Chip for ATI RS/RD690 K8TM - based Systems
ICS9LPRS480 IDT-ICS9LPRS480 Datasheet
255Kb / 25P
Programmable System Clock Chip for ATI RS780 - K8TM based Systems
ICS951464AGLF IDT-ICS951464AGLF Datasheet
248Kb / 24P
Programmable System Clock Chip for ATI RS/RD690 K8??- based Systems
logo
Renesas Technology Corp
9LPRS471C RENESAS-9LPRS471C Datasheet
423Kb / 23P
Programmable System Clock Chip for ATI RS790 - K8TM based Systems
05/23/12
9LPRS477D RENESAS-9LPRS477D Datasheet
548Kb / 27P
PROGRAMMABLE SYSTEM CLOCK CHIP FOR ATI RD790-K8TM BASED SYSTEMS
REV C 010715
ICS951412B RENESAS-ICS951412B Datasheet
395Kb / 22P
System Clock Chip for ATI RS480 K8-based Systems
2019
ICS951413 RENESAS-ICS951413 Datasheet
422Kb / 25P
Programmable System Clock Chip for ATI RS400 P4TM-based Systems
2019
ICS951462 RENESAS-ICS951462 Datasheet
436Kb / 24P
Programmable System Clock Chip for ATI RS/RD690 - K8TM based Systems
2019
ICS951464 RENESAS-ICS951464 Datasheet
387Kb / 25P
Programmable System Clock Chip for ATI RS/RD690 K8TM - based Systems
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com