Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9LRS3165B Datasheet (PDF) - Renesas Technology Corp

9LRS3165B Datasheet PDF - Renesas Technology Corp
Part # 9LRS3165B
Download  9LRS3165B Download
File Size   453.19 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 64-pin CK505 Compatible Clock w/Fully Integrated Voltage Regulator Integrated Series Resistor

9LRS3165B Datasheet (PDF)

Go To PDF Page Download Datasheet
9LRS3165B Datasheet PDF - Renesas Technology Corp

Part # 9LRS3165B
Download  9LRS3165B Click to download

File Size   453.19 Kbytes
Page   29 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 64-pin CK505 Compatible Clock w/Fully Integrated Voltage Regulator Integrated Series Resistor

9LRS3165B Datasheet (HTML) - Renesas Technology Corp


9LRS3165B Product details

Recommended Application:
CK505 compatible clock with fully integrated voltage regulator and
Internal series resistor on differential outputs
Output Features:
• 2 - CPU differential low power push-pull pairs
• 9 - SRC differential low power push-pull pairs
• 1 - CPU/SRC selectable differential low power push-pull pair
• 1 - SRC/DOT selectable differential low power push-pull pair
• 5 - PCI, 33MHz
• 1 - PCI_F, 33MHz free running
• 1 - USB, 48MHz
• 1 - REF, 14.318MHz
Key Specifications:
• CPU outputs cycle-cycle jitter < 85ps
• SRC output cycle-cycle jitter < 125ps
• PCI outputs cycle-cycle jitter < 250ps
• +/- 100ppm frequency accuracy on CPU & SRC clocks
Features/Benefits:
• Does not require external pass transistor for voltage regulator
• Integrated 33ohm series resistors on differential outputs,
Zo=50Ω
• Supports spread spectrum modulation, default is 0.5% down
spread
• Uses external 14.318MHz crystal, external crystal load caps
are required for frequency tuning
• Selectable between one SRC differential push-pull pair and
two single-ended outputs
• Meets PCIEX Gen2 specification on dedicated SRC outputs.
Muxed SRC outputs meet PCIEX Gen1 specification, except
SRC1.
• Single-ended programmable slew rate control for RFI
reduction
• Meets PCIEX <85ps cycle-to-cycle jitter for SRC[11:1]




Similar Part No. - 9LRS3165B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9LRS3165BGILF RENESAS-9LRS3165BGILF Datasheet
619Kb / 29P
64-pin Industrial Temperature Range CK505 Compatible Clock
01/06/15
9LRS3165BGILFT RENESAS-9LRS3165BGILFT Datasheet
619Kb / 29P
64-pin Industrial Temperature Range CK505 Compatible Clock
01/06/15
9LRS3165BI RENESAS-9LRS3165BI Datasheet
619Kb / 29P
64-pin Industrial Temperature Range CK505 Compatible Clock
01/06/15
9LRS3165BKILF RENESAS-9LRS3165BKILF Datasheet
619Kb / 29P
64-pin Industrial Temperature Range CK505 Compatible Clock
01/06/15
9LRS3165BKILFT RENESAS-9LRS3165BKILFT Datasheet
619Kb / 29P
64-pin Industrial Temperature Range CK505 Compatible Clock
01/06/15
More results


Similar Description - 9LRS3165B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9LPR501 IDT-ICS9LPR501 Datasheet
236Kb / 22P
64-pin CK505 w/Fully Integrated Voltage Regulator
ICS9LPR501 IDT-ICS9LPR501_09 Datasheet
229Kb / 21P
64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
ICS9LPRS501 IDT-ICS9LPRS501 Datasheet
270Kb / 28P
64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR INTEGRATED SERIES RESISTOR
ICS9LPRS365BGLF IDT-ICS9LPRS365BGLF Datasheet
481Kb / 28P
64-pin CK505 w/Fully Integrated Voltage Regulator Integrated Series Resistor
ICS9LPRS365BGLFT IDT-ICS9LPRS365BGLFT Datasheet
481Kb / 28P
64-pin CK505 w/Fully Integrated Voltage Regulator Integrated Series Resistor
9LPRS355BGLF IDT-9LPRS355BGLF Datasheet
64Kb / 1P
64-pin CK505 w/Fully integrated Voltage Regulator Integrated Series Resistor
logo
Renesas Technology Corp
ICS9LPR501 RENESAS-ICS9LPR501 Datasheet
352Kb / 22P
64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR
2019
ICS9LPRS355 RENESAS-ICS9LPRS355 Datasheet
379Kb / 28P
64-pin CK505 w/Fully Integrated Voltage Regulator Integrated Series Resistor
2019
ICS9LPRS365 RENESAS-ICS9LPRS365 Datasheet
897Kb / 29P
64-pin CK505 w/Fully Integrated Voltage Regulator Integrated Series Resistor
2019
ICS9LPRS501 RENESAS-ICS9LPRS501 Datasheet
386Kb / 28P
64-PIN CK505 W/FULLY INTEGRATED VOLTAGE REGULATOR INTEGRATED SERIES RESISTOR
2019
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com