Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9P960 Datasheet (PDF) - Renesas Technology Corp

9P960 Datasheet PDF - Renesas Technology Corp
Part # 9P960
Download  9P960 Download
File Size   334.24 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description DUAL CHANNEL DDRII/III ZERO DELAY BUFFER

9P960 Datasheet (PDF)

Go To PDF Page Download Datasheet
9P960 Datasheet PDF - Renesas Technology Corp

Part # 9P960
Download  9P960 Click to download

File Size   334.24 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description DUAL CHANNEL DDRII/III ZERO DELAY BUFFER

9P960 Datasheet (HTML) - Renesas Technology Corp


9P960 Product details

Recommended Application
Dual DDR zero delay buffer
Features/Benefits
• High performance, low jitter zero delay buffer
• I2C for functional and output control
• Dual bank 1-6 differential clock distribution
• 2 separate feedback in & out for input to output
synchronization for each bank
• Supports up to 4 DDR DIMMs
• Supports up to DDRII - 1066MHz
• Supports up to DDRIII (1.8V core) - 1333MHz
• Output-to-output skew: <100ps




Similar Part No. - 9P960

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9P935AFLF IDT-9P935AFLF Datasheet
197Kb / 13P
DDR I/DDR II Phase Lock Loop Zero Delay Buffer
9P936AFLF IDT-9P936AFLF Datasheet
194Kb / 12P
Low Skew Dual Bank DDR I/II Fan-out Buffer
logo
Renesas Technology Corp
9P936AFLF RENESAS-9P936AFLF Datasheet
326Kb / 13P
Low Skew Dual Bank DDR I/II Fan-out Buffer
12/03/09
logo
Integrated Device Techn...
9P936AFLFT IDT-9P936AFLFT Datasheet
194Kb / 12P
Low Skew Dual Bank DDR I/II Fan-out Buffer
logo
Renesas Technology Corp
9P936AFLFT RENESAS-9P936AFLFT Datasheet
326Kb / 13P
Low Skew Dual Bank DDR I/II Fan-out Buffer
12/03/09
More results


Similar Description - 9P960

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C2409 PERICOM-PI6C2409 Datasheet
167Kb / 8P
Zero-Delay Clock Buffer
PI6C2404A PERICOM-PI6C2404A Datasheet
56Kb / 6P
Zero-Delay Clock Buffer
PI6C2305-1 PERICOM-PI6C2305-1 Datasheet
177Kb / 6P
3.3V Zero-Delay Buffer
PI6C2308A PERICOM-PI6C2308A Datasheet
387Kb / 10P
3.3V Zero-Delay Buffer
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
3.3V ZERO DELAY BUFFER
XRK32308 EXAR-XRK32308_07 Datasheet
334Kb / 16P
3.3V ZERO DELAY BUFFER
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_05 Datasheet
143Kb / 8P
3.3V Zero Delay Buffer
logo
PulseCore Semiconductor
ASM5P2305A PULSECORE-ASM5P2305A Datasheet
393Kb / 19P
3.3V Zero Delay Buffer
logo
Cypress Semiconductor
CY23S08 CYPRESS-CY23S08_09 Datasheet
279Kb / 11P
3.3V Zero Delay Buffer
logo
Pericom Semiconductor C...
PI6C2409-1H PERICOM-PI6C2409-1H Datasheet
1Mb / 8P
Zero-Delay Clock Buffer
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com