Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9SQ445 Datasheet (PDF) - Renesas Technology Corp

9SQ445 Datasheet PDF - Renesas Technology Corp
Part # 9SQ445
Download  9SQ445 Download
File Size   904.76 Kbytes
Page   31 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CK440Q Lite PCIe Gen6 Clock Generator

9SQ445 Datasheet (PDF)

Go To PDF Page Download Datasheet
9SQ445 Datasheet PDF - Renesas Technology Corp

Part # 9SQ445
Download  9SQ445 Click to download

File Size   904.76 Kbytes
Page   31 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description CK440Q Lite PCIe Gen6 Clock Generator

9SQ445 Datasheet (HTML) - Renesas Technology Corp


9SQ445 Product details

Description
The 9SQ445 is a single-chip, PCIe Gen6 clock synthesizer
providing a subset of the 9SQ440 outputs. It is designed to work
as a complete clock solution or in combination with
DB2000Q-compliant clock buffers to provide point-to-point clocks
to multiple receiving agents. It is part of the next generation clock
generator family supporting the latest dual and multi-socket Intel
server platforms.
PCIe Clocking Architectures
▪ Common Clocked (CC)
▪ Independent Reference (IR) with and without spread spectrum
Typical Applications
▪ CK440Q Lite
Key Specifications
▪ PCIe Gen6 CC Phase Jitter < 40fs rms

Features
▪ 3.3V operation
▪ Side-Band Interface allows real-time hardware control of all
output enables
▪ OE# pin control of 100M outputs
▪ 85Ω differential Low-Power HCSL (LP-HCSL) outputs eliminate
24 resistors, saving 39mm2 of area
▪ Differential outputs drive both source terminated and double
(receiver) terminated loads
▪ 3 selectable SMBus addresses
▪ Supports 0%, -0.3% and -0.5% spread-spectrum amounts
▪ Packaged in 5 × 5 mm 40-VFQFPN
Output Features
▪ Three 25MHz output pairs (1 × 25MHz and 2 × MXCLK set to
25MHz)
▪ Three 100MHz output pairs with individual OE# pins




Similar Part No. - 9SQ445

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
9SQ445 RENESAS-9SQ445 Datasheet
831Kb / 30P
CK440Q Lite PCIe Gen6 Clock Generator
May 8, 2023
9SQ445 RENESAS-9SQ445 Datasheet
816Kb / 31P
CK440Q Lite PCIe Gen7 Clock Generator
August 5, 2026
9SQ445NDGI RENESAS-9SQ445NDGI Datasheet
831Kb / 30P
CK440Q Lite PCIe Gen6 Clock Generator
May 8, 2023
9SQ445NDGI RENESAS-9SQ445NDGI Datasheet
816Kb / 31P
CK440Q Lite PCIe Gen7 Clock Generator
August 5, 2026
9SQ445NDGI8 RENESAS-9SQ445NDGI8 Datasheet
831Kb / 30P
CK440Q Lite PCIe Gen6 Clock Generator
May 8, 2023
More results


Similar Description - 9SQ445

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDCR61A TI-CDCR61A Datasheet
137Kb / 10P
DIRECT RAMBUSE CLOCK GENERATOR- LITE
logo
Integrated Circuit Syst...
ICS9219 ICST-ICS9219 Datasheet
80Kb / 8P
Direct Rambus Clock Generator Lite
logo
Cypress Semiconductor
CY2212 CYPRESS-CY2212 Datasheet
200Kb / 10P
Direct Rambus??Clock Generator (Lite)
logo
ON Semiconductor
NB3N51054 ONSEMI-NB3N51054 Datasheet
165Kb / 15P
LVDS PCIe Clock Generator
May, 2015 ??Rev. 2
logo
Pericom Semiconductor C...
PI6C49004A PERICOM-PI6C49004A Datasheet
730Kb / 13P
PCIe Gen 2 Networking Clock Generator
logo
Texas Instruments
CDCR61A TI1-CDCR61A_15 Datasheet
549Kb / 15P
DIRECT RAMBUSE CLOCK GENERATOR ??LITE
logo
Integrated Device Techn...
9FGL02 IDT-9FGL02_16 Datasheet
370Kb / 19P
2-output 3.3V PCIe Clock Generator
9FGL04 IDT-9FGL04_16 Datasheet
313Kb / 18P
4-output 3.3V PCIe Clock Generator
9FGL06 IDT-9FGL06_16 Datasheet
326Kb / 19P
6-output 3.3V PCIe Clock Generator
9FGL08 IDT-9FGL08_16 Datasheet
402Kb / 19P
8-output 3.3V PCIe Clock Generator
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com