Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9UMS9633B Datasheet (PDF) - Renesas Technology Corp

9UMS9633B Datasheet PDF - Renesas Technology Corp
Part # 9UMS9633B
Download  9UMS9633B Download
File Size   600.34 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-Mobile PC/Mobile Internet Device

9UMS9633B Datasheet (PDF)

Go To PDF Page Download Datasheet
9UMS9633B Datasheet PDF - Renesas Technology Corp

Part # 9UMS9633B
Download  9UMS9633B Click to download

File Size   600.34 Kbytes
Page   23 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Ultra-Mobile PC/Mobile Internet Device

9UMS9633B Datasheet (HTML) - Renesas Technology Corp


9UMS9633B Product details

Output Features
▪ 3 – CPU low power differential push-pull pairs
▪ 3 – SRC low power differential push-pull pairs
▪ 1 – LCD100 SSCD low power differential push-pull
pair
▪ 1 – DOT96 low power differential push-pull pair
▪ 1 – REF, 14.31818MHz, 3.3V SE output

Features
▪ 67 to 167 MHz CPU outputs
▪ Dedicated TEST/SEL and TEST/MODE pins saves
isolation resistors on pins
▪ CPU STOP# input for power management
▪ Fully integrated Vreg
▪ Integrated series resistors on differential outputs
▪ 1.5V VDD IO operation, 3.3V VDD core and REF
supply pin for REF
▪ Industrial temperature range (-40° to +85°C)
Applications
▪ Poulsbo Based Ultra-Mobile PC (UMPC)




Similar Part No. - 9UMS9633B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9UMS9633BFILFT IDT-9UMS9633BFILFT Datasheet
215Kb / 22P
ULTRA MOBILE PC CLOCK FOR INDUSTRIAL TEMPERATURE RANGE
9UMS9633BFW3LFT IDT-9UMS9633BFW3LFT Datasheet
180Kb / 18P
ULTRA MOBILE PC CLOCK FOR AUTOMOTIVE USE
9UMS9633BKILFT IDT-9UMS9633BKILFT Datasheet
215Kb / 22P
ULTRA MOBILE PC CLOCK FOR INDUSTRIAL TEMPERATURE RANGE
9UMS9633BKLFT IDT-9UMS9633BKLFT Datasheet
214Kb / 22P
ULTRA MOBILE PC/MOBILE INTERNET DEVICE
More results


Similar Description - 9UMS9633B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS9UMS9633B IDT-ICS9UMS9633B Datasheet
214Kb / 22P
ULTRA MOBILE PC/MOBILE INTERNET DEVICE
ICS9UMS9633BI IDT-ICS9UMS9633BI Datasheet
215Kb / 22P
ULTRA MOBILE PC CLOCK FOR INDUSTRIAL TEMPERATURE RANGE
ICS9UMS9633BW IDT-ICS9UMS9633BW Datasheet
180Kb / 18P
ULTRA MOBILE PC CLOCK FOR AUTOMOTIVE USE
ICS9EMS9633 IDT-ICS9EMS9633 Datasheet
161Kb / 22P
ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
logo
List of Unclassifed Man...
IMX-2000 ETC2-IMX-2000 Datasheet
1Mb / 2P
Industrial Mobile Handheld Device
IMX-3000 ETC2-IMX-3000 Datasheet
516Kb / 2P
Industrial Mobile Handheld Device
IMX-9000 ETC2-IMX-9000 Datasheet
419Kb / 2P
Industrial Mobile Handheld Device
logo
Toshiba Semiconductor
MQ02ABXXXXH TOSHIBA-MQ02ABXXXXH Datasheet
320Kb / 2P
CLIENT MOBILE & MOBILE THIN HDD
logo
Renesas Technology Corp
ICS9EMS9633 RENESAS-ICS9EMS9633 Datasheet
312Kb / 23P
ULTRA MOBILE PC CLOCK FOR EMBEDDED APPLICATIONS
2019
logo
Endress+Hauser Group Se...
CML18 EH-CML18 Datasheet
1Mb / 16P
Multiparameter mobile device
2021-03-29
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com