Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9Z61195D Datasheet (PDF) - Renesas Technology Corp

9Z61195D Datasheet PDF - Renesas Technology Corp
Part # 9Z61195D
Download  9Z61195D Download
File Size   691.09 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 19-Output DB1900Z Derivative for PCIe Gen1–4 and UPI for Dell Servers

9Z61195D Datasheet (PDF)

Go To PDF Page Download Datasheet
9Z61195D Datasheet PDF - Renesas Technology Corp

Part # 9Z61195D
Download  9Z61195D Click to download

File Size   691.09 Kbytes
Page   24 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description 19-Output DB1900Z Derivative for PCIe Gen1–4 and UPI for Dell Servers

9Z61195D Datasheet (HTML) - Renesas Technology Corp


9Z61195D Product details

Description
The 9Z61195D is a second-generation, enhanced-performance
DB1900Z derivative differential buffer. The part is a
pin-compatible upgrade to the 9Z61195A, offering much improved
phase jitter performance. A fixed external feedback maintains low
drift for critical QPI/UPI applications. In fanout mode, the
9Z61195D meets the DB2000Q additive phase jitter specification.
PCIe Clocking Architectures
▪ Common Clocked (CC)
▪ Independent Reference (IR) with and without spread spectrum
Typical Applications
▪ Servers
▪ Storage
▪ Networking
▪ SSDs
Output Features
▪ 19 Low-Power (LP) HCSL output pairs with 85Ω Zout

Features
▪ LP-HCSL outputs with 85Ω Zout; eliminate 76 resistors, save
130mm2 of area
▪ SMBus OE bits; software control of each output
▪ 9 selectable SMBus addresses; multiple devices can share
same SMBus segment
▪ Selectable PLL bandwidths; minimizes jitter peaking in
cascaded PLL topologies
▪ Hardware/SMBus control of PLL bandwidth and bypass;
change mode without power cycle
▪ Spread spectrum compatible; tracks spreading input clock for
EMI reduction
▪ 10 × 10 mm 72-VFQFPN package; small board footprint
Key Specifications
▪ Cycle-to-cycle jitter: < 50ps
▪ Output-to-output skew: < 50ps
▪ Input-to-output delay: Fixed at 0ps
▪ Input-to-output delay variation: < 50ps
▪ Additive Phase jitter: PCIe Gen4 < 53fs rms
▪ Additive Phase jitter: IF-UPI < 70fs rms
▪ Additive Phase jitter: DB2000Q filter < 30fs rms





Similar Description - 9Z61195D

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
9ZML1232E IDT-9ZML1232E Datasheet
401Kb / 19P
2:12 DB1200ZL Derivative for PCIe Gen1?? and UPI
9ZXL1930D IDT-9ZXL1930D Datasheet
359Kb / 24P
19-Output DB1900Z Derivative for PCIe Gen1?? and UPI
9ZXL1530D IDT-9ZXL1530D Datasheet
292Kb / 23P
15-Output DB1900Z Derivative for PCIe Gen1?? and UPI
9ZXL1232E IDT-9ZXL1232E Datasheet
254Kb / 21P
12-Output DB1200ZL Derivative for PCIe Gen1?? and UPI
9ZXL0832E IDT-9ZXL0832E Datasheet
274Kb / 18P
8-Output DB800ZL Derivative PCIe Gen1?? and UPI
9ZXL0631E IDT-9ZXL0631E Datasheet
303Kb / 20P
6-Output DB800ZL Derivative for PCIe Gen1?? and UPI
9ZX21901D IDT-9ZX21901D Datasheet
341Kb / 20P
19-Output DB1900Z for PCIe Gen1-4 and QPI/UPI
logo
Renesas Technology Corp
9ZML1232E RENESAS-9ZML1232E Datasheet
711Kb / 20P
2:12 DB1200ZL Derivative for PCIe Gen1–4 and UPI
May 12, 2021
9ZML1233E RENESAS-9ZML1233E Datasheet
723Kb / 24P
2:12 DB1200ZL Derivative for PCIe Gen1-4 and UPI
May 12, 2021
9ZX21901D RENESAS-9ZX21901D Datasheet
634Kb / 20P
19-Output DB1900Z for PCIe Gen1-4 and QPI/UPI
APRIL 17, 2018
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com