Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1951X330 Datasheet (PDF) - Chicago Miniature Lamp,inc

1951X330 Datasheet PDF - Chicago Miniature Lamp,inc
Part # 1951X330
Download  1951X330 Download
File Size   409.7 Kbytes
Page   1 Pages
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc
Description LED Indicator 8mm Standard(Exterior) Bezel with Protection Tube

1951X330 Datasheet (PDF)

Go To PDF Page Download Datasheet
1951X330 Datasheet PDF - Chicago Miniature Lamp,inc

Part # 1951X330
Download  1951X330 Click to download

File Size   409.7 Kbytes
Page   1 Pages
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc
Description LED Indicator 8mm Standard(Exterior) Bezel with Protection Tube

1951X330 Datasheet (HTML) - Chicago Miniature Lamp,inc




Similar Part No. - 1951X330

ManufacturerPart #DatasheetDescription
logo
CML Innovative Technolo...
1951X230 CMLINNOVATIVETECHNOLOGIES-1951X230 Datasheet
269Kb / 1P
LED Prominent Panel Indicator
18 Dec 15
1951X231 CMLINNOVATIVETECHNOLOGIES-1951X231 Datasheet
269Kb / 1P
LED Prominent Panel Indicator
18 Dec 15
1951X232 CMLINNOVATIVETECHNOLOGIES-1951X232 Datasheet
269Kb / 1P
LED Prominent Panel Indicator
18 Dec 15
1951X23X CMLINNOVATIVETECHNOLOGIES-1951X23X Datasheet
269Kb / 1P
LED Prominent Panel Indicator
18 Dec 15
logo
Chicago Miniature Lamp,...
1951X430 CML-1951X430 Datasheet
408Kb / 1P
LED Indicator 8mm Standard(Exterior) Bezel with Protection Tube
More results


Similar Description - 1951X330

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1901X00X CML-1901X00X Datasheet
342Kb / 1P
LED Indicator 8mm Superflat bezel
1902X25X CML-1902X25X Datasheet
366Kb / 1P
LED Indicator 6mm Prominent(Exterior) bezel
1902X35X CML-1902X35X Datasheet
365Kb / 1P
LED Indicator 6mm Prominent(Exterior) bezel
1935X13X CML-1935X13X Datasheet
432Kb / 1P
LED Indicator 14mm Standard Bezel with Protection Tube
1935X23X CML-1935X23X Datasheet
434Kb / 1P
LED Indicator 14mm Standard Bezel with Protection Tube
1936X13X CML-1936X13X Datasheet
342Kb / 1P
NEON Indicator 14mm Standard Bezel with Protection Tube
1936X23X CML-1936X23X Datasheet
344Kb / 1P
NEON Indicator 14mm Standard Bezel with Protection Tube
1950X33X CML-1950X33X Datasheet
411Kb / 1P
LED Indicator 8mm Standard(interior) Bezel with Protection Tube
1950X43X CML-1950X43X Datasheet
410Kb / 1P
LED Indicator 8mm Standard(interior) Bezel with Protection Tube
1951X43X CML-1951X43X Datasheet
408Kb / 1P
LED Indicator 8mm Standard(Exterior) Bezel with Protection Tube
More results




About Chicago Miniature Lamp,inc


Chicago Miniature Lamp, Inc. (CML) is a manufacturer of miniature and subminiature incandescent lamps, LEDs (Light-Emitting Diodes), and other lighting products. The company was founded in 1931 and is headquartered in Illinois, USA.

CML's products are used in a wide range of applications such as automotive, aerospace, medical, and industrial equipment. They offer a broad range of lighting solutions including T-1 through T-5mm LED lamps, PCB mountable LED indicators, and miniature incandescent lamps.

CML is known for their innovation in the lighting industry, having introduced many new technologies over the years. They have also built a reputation for quality and reliability, with a strong focus on customer service.

In addition to their standard products, CML provides customized lighting solutions to meet specific customer requirements. They have manufacturing facilities in the United States and Asia, and serve customers in over 50 countries.

Overall, CML is a trusted and reputable manufacturer of miniature lighting products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com