Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2150A Datasheet (PDF) - Chicago Miniature Lamp,inc

2150A Datasheet PDF - Chicago Miniature Lamp,inc
Part # 2150A
Download  2150A Download
File Size   221.06 Kbytes
Page   1 Pages
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc
Description Neon-Incandescent Indicator Lights

2150A Datasheet (PDF)

Go To PDF Page Download Datasheet
2150A Datasheet PDF - Chicago Miniature Lamp,inc

Part # 2150A
Download  2150A Click to download

File Size   221.06 Kbytes
Page   1 Pages
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc
Description Neon-Incandescent Indicator Lights

2150A Datasheet (HTML) - Chicago Miniature Lamp,inc




Similar Part No. - 2150A

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
2150A VCC-2150A Datasheet
65Kb / 1P
Non-Relampable Neon-Incandescent Indicator Lights
2150A1 VCC-2150A1 Datasheet
65Kb / 1P
Non-Relampable Neon-Incandescent Indicator Lights
2150A2 VCC-2150A2 Datasheet
65Kb / 1P
Non-Relampable Neon-Incandescent Indicator Lights
2150A3 VCC-2150A3 Datasheet
65Kb / 1P
Non-Relampable Neon-Incandescent Indicator Lights
2150A4 VCC-2150A4 Datasheet
65Kb / 1P
Non-Relampable Neon-Incandescent Indicator Lights
More results


Similar Description - 2150A

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1030D CML-1030D Datasheet
220Kb / 1P
Neon-Incandescent Indicator Lights
1050A CML-1050A Datasheet
221Kb / 1P
Neon-Incandescent Indicator Lights
1050C CML-1050C Datasheet
220Kb / 1P
Neon-Incandescent Indicator Lights
1050N CML-1050N Datasheet
220Kb / 1P
Non-Relampable Neon-Incandescent Indicator Lights
1050QC CML-1050QC Datasheet
220Kb / 1P
Non-Relampable Neon-Incandescent Indicator Lights
2110A CML-2110A Datasheet
228Kb / 1P
Neon-Incandescent Indicator Lights
2330QD CML-2330QD Datasheet
219Kb / 1P
Non-Relampable Neon-Incandescent Indicator Lights
logo
Visual Communications C...
1050QC VCC-1050QC Datasheet
64Kb / 1P
Non-Relampable Neon-Incandescent Indicator Lights
2150A VCC-2150A Datasheet
65Kb / 1P
Non-Relampable Neon-Incandescent Indicator Lights
2110A VCC-2110A Datasheet
65Kb / 1P
Non-Relampable Neon-Incandescent Indicator Lights
More results




About Chicago Miniature Lamp,inc


Chicago Miniature Lamp, Inc. (CML) is a manufacturer of miniature and subminiature incandescent lamps, LEDs (Light-Emitting Diodes), and other lighting products. The company was founded in 1931 and is headquartered in Illinois, USA.

CML's products are used in a wide range of applications such as automotive, aerospace, medical, and industrial equipment. They offer a broad range of lighting solutions including T-1 through T-5mm LED lamps, PCB mountable LED indicators, and miniature incandescent lamps.

CML is known for their innovation in the lighting industry, having introduced many new technologies over the years. They have also built a reputation for quality and reliability, with a strong focus on customer service.

In addition to their standard products, CML provides customized lighting solutions to meet specific customer requirements. They have manufacturing facilities in the United States and Asia, and serve customers in over 50 countries.

Overall, CML is a trusted and reputable manufacturer of miniature lighting products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com