Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA278 Datasheet (PDF) - NXP Semiconductors

BA278 Datasheet PDF - NXP Semiconductors
Part # BA278
Download  BA278 Download
File Size   88.77 Kbytes
Page   5 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Band-switching diode

BA278 Datasheet (PDF)

Go To PDF Page Download Datasheet
BA278 Datasheet PDF - NXP Semiconductors

Part # BA278
Download  BA278 Click to download

File Size   88.77 Kbytes
Page   5 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Band-switching diode

BA278 Datasheet (HTML) - NXP Semiconductors


BA278 Product details

FEATURES
• Small plastic SMD package
• Continuous reverse voltage: max. 35 V
• Continuous forward current: max. 100 mA
• Low diode capacitance: max. 1.2 pF
• Low diode forward resistance: max. 0.7 Ω.

APPLICATIONS
• Low loss band switching in VHF television tuners.
• Surface mount band-switching circuits.

DESCRIPTION
Planar high performance band-switching diode in a small
plastic SOD523V SMD package.




Similar Part No. - BA278

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BA278 PHILIPS-BA278 Datasheet
82Kb / 5P
Band-switching diode
2001 Jan 15
More results


Similar Description - BA278

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BA892 PHILIPS-BA892 Datasheet
62Kb / 8P
Band-switching diode
1998 May 08
logo
Leshan Radio Company
BA892 LRC-BA892 Datasheet
91Kb / 2P
Band-switching diode
logo
Rohm
1SS390 ROHM-1SS390_1 Datasheet
1Mb / 4P
Band switching diode
logo
NXP Semiconductors
BA277 NXP-BA277 Datasheet
224Kb / 6P
Band-switching diode
Rev. 02-7 January 2008
logo
SEMTECH ELECTRONICS LTD...
1SS356WS SEMTECH_ELEC-1SS356WS Datasheet
207Kb / 3P
BAND SWITCHING DIODE
logo
Rohm
1SS356 ROHM-1SS356_11 Datasheet
257Kb / 4P
Band Switching Diode
logo
KODENSHI_AUK CORP.
SDP410D KODENSHI-SDP410D Datasheet
52Kb / 3P
Band switching Diode
SDP410Q KODENSHI-SDP410Q Datasheet
177Kb / 3P
Band switching Diode
logo
Leshan Radio Company
L1SS356T1G LRC-L1SS356T1G_15 Datasheet
67Kb / 3P
Band Switching Diode
logo
NXP Semiconductors
BA891_N_15 PHILIPS-BA891_N_15_15 Datasheet
243Kb / 6P
Band-switching diode
Rev. 04-8 January 2008
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com