Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2191L Datasheet (PDF) - Chicago Miniature Lamp,inc

2191L Datasheet PDF - Chicago Miniature Lamp,inc
Part # 2191L
Download  2191L Download
File Size   221.04 Kbytes
Page   1 Pages
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc
Description Non-Relampable LED Solid-State Indicator Lights

2191L Datasheet (PDF)

Go To PDF Page Download Datasheet
2191L Datasheet PDF - Chicago Miniature Lamp,inc

Part # 2191L
Download  2191L Click to download

File Size   221.04 Kbytes
Page   1 Pages
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc
Description Non-Relampable LED Solid-State Indicator Lights

2191L Datasheet (HTML) - Chicago Miniature Lamp,inc




Similar Part No. - 2191L

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
2191L VCC-2191L Datasheet
65Kb / 1P
Non-Relampable LED Solid-State Indicator Lights
2191L1-12V VCC-2191L1-12V Datasheet
65Kb / 1P
Non-Relampable LED Solid-State Indicator Lights
2191L1-24V VCC-2191L1-24V Datasheet
65Kb / 1P
Non-Relampable LED Solid-State Indicator Lights
2191L1-6V VCC-2191L1-6V Datasheet
65Kb / 1P
Non-Relampable LED Solid-State Indicator Lights
2191L5-12V VCC-2191L5-12V Datasheet
65Kb / 1P
Non-Relampable LED Solid-State Indicator Lights
More results


Similar Description - 2191L

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1091M CML-1091M Datasheet
222Kb / 1P
Non-Relampable LED Indicator Lights
2191QL CML-2191QL Datasheet
220Kb / 1P
Non-Relampable LED Solid-State Indicator Lights
2191QU CML-2191QU Datasheet
220Kb / 1P
Non-Relampable LED Solid-State Indicator Lights
2191U CML-2191U Datasheet
221Kb / 1P
Non-Relampable LED Solid-State Indicator Lights
logo
Visual Communications C...
1091M VCC-1091M Datasheet
73Kb / 1P
Non-Relampable LED Indicator Lights
2191L VCC-2191L Datasheet
65Kb / 1P
Non-Relampable LED Solid-State Indicator Lights
2191QL VCC-2191QL Datasheet
65Kb / 1P
Non-Relampable LED Solid-State Indicator Lights
2191QU VCC-2191QU Datasheet
65Kb / 1P
Non-Relampable LED Solid-State Indicator Lights
2191U VCC-2191U Datasheet
65Kb / 1P
Non-Relampable LED Solid-State Indicator Lights
1091QM VCC-1091QM Datasheet
67Kb / 1P
Non-Relampable LED Indicator Lights
More results




About Chicago Miniature Lamp,inc


Chicago Miniature Lamp, Inc. (CML) is a manufacturer of miniature and subminiature incandescent lamps, LEDs (Light-Emitting Diodes), and other lighting products. The company was founded in 1931 and is headquartered in Illinois, USA.

CML's products are used in a wide range of applications such as automotive, aerospace, medical, and industrial equipment. They offer a broad range of lighting solutions including T-1 through T-5mm LED lamps, PCB mountable LED indicators, and miniature incandescent lamps.

CML is known for their innovation in the lighting industry, having introduced many new technologies over the years. They have also built a reputation for quality and reliability, with a strong focus on customer service.

In addition to their standard products, CML provides customized lighting solutions to meet specific customer requirements. They have manufacturing facilities in the United States and Asia, and serve customers in over 50 countries.

Overall, CML is a trusted and reputable manufacturer of miniature lighting products, with a long history of innovation, quality, and customer service.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com