Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLRM701 Datasheet (PDF) - NXP Semiconductors

CLRM701 Datasheet PDF - NXP Semiconductors
Part # CLRM701
Download  CLRM701 Download
File Size   1124.95 Kbytes
Page   21 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Mifare® & ICODE contactless reader module

CLRM701 Datasheet (PDF)

Go To PDF Page Download Datasheet
CLRM701 Datasheet PDF - NXP Semiconductors

Part # CLRM701
Download  CLRM701 Click to download

File Size   1124.95 Kbytes
Page   21 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Mifare® & ICODE contactless reader module

CLRM701 Datasheet (HTML) - NXP Semiconductors


CLRM701 Product details

General description
This document describes the functionality of the CLRM701 reader module. It includes the
functional and electrical specifications and gives the needed details to use this reader
module as a reference design.
This reader module is designed for an easy adaptation of a contactless reader to a PC
and it is ready to design a new application giving the basic hints for a reader hardware
development.
The CLRM701 contactless reader module is part of the CLRD701, the Mifare® PEGODA
reader. It uses the CLRC632 reader IC for the contactless communication. The CLRC632
is member of a family for highly integrated reader ICs for contactless communication at 13.56 MHz.

Features
- contactless smart card reader module
- based on the CLRC632
- contactless operating frequency 13.56 MHz
- Supports Mifare® Dual Interface Card ICs and ISO 14443A part 1- 4
- Supports ISO 14443B
- Supports Mifare® Classic crypto
- Supports ISO 15693
- Supports NXP ICODE
- Supports higher data rates of up to 424 kbit/s
- Typical operating distance: 75 - 100mm
- CE and FCC compliant
- USB host interface
- USB bus powered 5 VDC power supply
- Unique serial number of each reader device
- Supported by Windows 2000 and Windows XP.




Similar Part No. - CLRM701

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
CLR-12-10-L-P-A FESTO-CLR-12-10-L-P-A Datasheet
100Kb / 2P
Swing clamp cylinder
CLR-12-10-R-P-A FESTO-CLR-12-10-R-P-A Datasheet
100Kb / 2P
Swing clamp cylinder
CLR-12-20-L-P-A FESTO-CLR-12-20-L-P-A Datasheet
100Kb / 2P
Swing clamp cylinder
CLR-12-20-R-P-A FESTO-CLR-12-20-R-P-A Datasheet
100Kb / 2P
Swing clamp cylinder
CLR-16-10-L-P-A FESTO-CLR-16-10-L-P-A Datasheet
101Kb / 2P
Swing clamp cylinder
More results


Similar Description - CLRM701

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MFRC522 NXP-MFRC522 Datasheet
2Mb / 109P
Contactless Reader IC
Rev. 3.2-22 May 2007
MF3ICD21 NXP-MF3ICD21 Datasheet
82Kb / 15P
MIFARE DESFire EV1 contactless multi-application IC
Rev. 02-6 March 2009
MFRC522 NXP-MFRC522_09 Datasheet
526Kb / 96P
Contactless reader IC
Rev. 3.3-26 October 2009
MFRC522 NXP-MFRC522_10 Datasheet
760Kb / 96P
Contactless reader IC
Rev. 3.4-5 March 2010
MFRC523 NXP-MFRC523 Datasheet
776Kb / 98P
Contactless reader IC
Rev. 3.3-5 March 2010
CLRC663 NXP-CLRC663 Datasheet
1Mb / 132P
Contactless reader IC
Rev. 3.3-3 April 2012
MFRC630 NXP-MFRC630 Datasheet
1Mb / 118P
Contactless reader IC
Rev. 3.1-6 September 2012
MFRC500 NXP-MFRC500 Datasheet
599Kb / 110P
The Original MIFARE reader solution
Rev. 3.4-11 February 2014
SLRC400 NXP-SLRC400 Datasheet
759Kb / 101P
ICODE reader IC
Rev. 3.3-23 March 2010
MF2DLHX0 NXP-MF2DLHX0 Datasheet
1Mb / 132P
MIFARE DESFire Light contactless application IC
Rev. 3.3 - 5 April 2019
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com