Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM0902 Datasheet (PDF) - NXP Semiconductors

CM0902 Datasheet PDF - NXP Semiconductors
Part # CM0902
Download  CM0902 Download
File Size   563.75 Kbytes
Page   25 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Dual high-speed CAN transceiver

CM0902 Datasheet (PDF)

Go To PDF Page Download Datasheet
CM0902 Datasheet PDF - NXP Semiconductors

Part # CM0902
Download  CM0902 Click to download

File Size   563.75 Kbytes
Page   25 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Dual high-speed CAN transceiver

CM0902 Datasheet (HTML) - NXP Semiconductors


CM0902 Product details

The CM0902 is a SMARTMOS dual high-speed (up to 1.0 Mbit/s) CAN transceiver device, providing the physical interface between the CAN protocol controller of an MCU and the physical dual wire CAN bus. Both channels are completely independent, featuring CAN bus wake-up on each CAN interface, and TXD dominant timeout functionality (33CM0902 only).
The CM0902 is packaged in a 14-pin SOIC, with industry standard pin out, and offers excellent EMC and ESD performance without the need for external filter components.The CM0902 comes in two variants: 33CM0902 and 34CM0902 for Automotive and Industrial applications respectively.

Features
•Very low-current consumption in standby mode
•Compatible with +3.3 V or +5.0 V MCU interface
•Standby mode with remote CAN wake-up
•Pin and function compatible with market standard
Cost efficient robustness:
•High system level ESD performance
•Very high electromagnetic immunity and low electromagnetic emission without common mode choke or other external components.
Fail-safe behaviors:
•TXD Dominant timeout (33CM0902 only)
•Ideal passive behavior when unpowered, CAN bus leakage current <10 μA.
•VDD and VIO monitoring

applications
•Supports automotive CAN high-speed applications
•Body electronics
•Power train
•Chassis and safety
•Infotainment
•Diagnostic equipment
•AccessoriesIndustrial applications (34CM0902)
•Transportation
•Backplanes
•Lift/elevators
•Factory automation
•Industrial process controlEF




Similar Part No. - CM0902

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
CM09 DDK-CM09 Datasheet
200Kb / 3P
One-Touch Locking Style Small Sized Circular Connectors
CM09-CR25P DDK-CM09-CR25P Datasheet
200Kb / 3P
One-Touch Locking Style Small Sized Circular Connectors
CM09-CR25P DDK-CM09-CR25P Datasheet
1Mb / 4P
One-Touch Locking Styled , Small Sized Circular Connectors
CM09-CR25S DDK-CM09-CR25S Datasheet
200Kb / 3P
One-Touch Locking Style Small Sized Circular Connectors
CM09-CR25S DDK-CM09-CR25S Datasheet
1Mb / 4P
One-Touch Locking Styled , Small Sized Circular Connectors
More results


Similar Description - CM0902

ManufacturerPart #DatasheetDescription
logo
AMI SEMICONDUCTOR
AMIS-42700 AMI-AMIS-42700 Datasheet
523Kb / 16P
Dual High-Speed CAN Transceiver
logo
ON Semiconductor
AMIS-42700 ONSEMI-AMIS-42700 Datasheet
212Kb / 14P
Dual High Speed CAN Transceiver
January, 2009 ??Rev. 5
AMIS-42770 ONSEMI-AMIS-42770 Datasheet
182Kb / 13P
Dual High Speed CAN Transceiver
January, 2009 ??Rev. 3
logo
Infineon Technologies A...
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
ON Semiconductor
NCV7441 ONSEMI-NCV7441 Datasheet
173Kb / 10P
Dual High Speed Low Power CAN Transceiver
August, 2011 ??Rev. 0
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
logo
ON Semiconductor
AMIS-42770 ONSEMI-AMIS-42770_14 Datasheet
137Kb / 13P
Dual High Speed CAN Transceiver
November, 2014 ??Rev. 4
logo
Infineon Technologies A...
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
High Speed CAN Transceiver
Rev. 1.0 2017-08-09
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com