Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2131 Datasheet (PDF) - NXP Semiconductors

PCF2131 Datasheet PDF - NXP Semiconductors
Part # PCF2131_V01
Download  PCF2131 Download
File Size   1030.17 Kbytes
Page   86 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Nano-power highly accurate RTC with integrated quartz crystal

PCF2131 Datasheet (PDF)

Go To PDF Page Download Datasheet
PCF2131 Datasheet PDF - NXP Semiconductors

Part # PCF2131_V01
Download  PCF2131 Click to download

File Size   1030.17 Kbytes
Page   86 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Nano-power highly accurate RTC with integrated quartz crystal

PCF2131 Datasheet (HTML) - NXP Semiconductors


PCF2131 Product details

General description
The PCF2131 is a CMOS Real Time Clock (RTC) and calendar with an integrated
Temperature Compensated Crystal (Xtal) Oscillator (TCXO) and a 32.768 kHz quartz
crystal optimized for very high accuracy and ultra low power consumption. The
PCF2131 has a selectable I2C-bus or SPI-bus, a backup battery switch-over circuit, a
programmable watchdog function, four timestamps function, and many other features.

Features and benefits
• Operating temperature range from -40 °C to +85 °C
• Temperature Compensated Crystal Oscillator (TCXO) with trimmed integrated
capacitors
• Ultra low supply current: typical 64 nA at VDD = 3.3 V
• Temperature compensated RTC, typical accuracy ±3 ppm from -40 °C to +85 °C
• Integration of a 32.768 kHz quartz crystal and oscillator in the same package
• Provides year, month, day, weekday, hours, minutes, seconds and 1/100 seconds
• Provides leap year correction
• Timestamp function
– with interrupt capability
– detection of four different events on four input pins (for example, for tamper detection)
• 2-line bidirectional 400 kHz Fast-mode I2C-bus interface
• 4-line SPI-bus with separate data input and output (maximum speed 6.5 Mbit/s)
• Battery backup input pin and switch-over circuitry
• Battery backed output voltage
• Battery low detection function
• Power-On Reset (POR)
• Power-On Reset Override (PORO) function
• Software reset function
• Two interrupt outputs (open-drain)
• Programmable 1 second or 1 minute interrupt
• Programmable watchdog timer with interrupt
• Programmable alarm function with interrupt capability
• Programmable square output
• Clock operating voltage: 1.2 V to 5.5 V

Applications
• Electronic metering for electricity, water, and gas
• Precision timekeeping
• Access to accurate time of the day
• GPS equipment to reduce time to first fix
• Applications that require an accurate process timing
• Products with long automated unattended operation time




Similar Part No. - PCF2131_V01

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCF2131 NXP-PCF2131_V02 Datasheet
856Kb / 85P
Nano-power highly accurate RTC with integrated quartz crystal
Rev. 2.0 - 5 October 2023
More results


Similar Description - PCF2131_V01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS32X35 MAXIM-DS32X35 Datasheet
279Kb / 21P
Accurate I2C RTC with Integrated TCXO/Crystal/FRAM
Rev 0; 12/06
logo
NXP Semiconductors
PCF2129A NXP-PCF2129A Datasheet
490Kb / 68P
Integrated RTC, TCXO and quartz crystal
Rev. 01-13 January 2010
PCF2127A NXP-PCF2127A Datasheet
535Kb / 80P
Integrated RTC, TCXO and quartz crystal
Rev. 02-7 May 2010
logo
Maxim Integrated Produc...
DS32B35 MAXIM-DS32B35_10 Datasheet
410Kb / 22P
Accurate I2C RTC with Integrated TCXO/Crystal/FRAM
Rev 3; 7/10
logo
NXP Semiconductors
PCF2129T NXP-PCF2129T Datasheet
999Kb / 73P
Accurate RTC with integrated quartz crystal for industrial
Rev. 3-12 February 2013
PCF2127 PHILIPS-PCF2127 Datasheet
1Mb / 100P
Accurate RTC with integrated quartz crystal for industrial applications
Rev. 8-19 December 2014
PCF2129 PHILIPS-PCF2129 Datasheet
957Kb / 86P
Accurate RTC with integrated quartz crystal for industrial applications
Rev. 7-19 December 2014
PCA2131 NXP-PCA2131 Datasheet
1Mb / 86P
Nano-power highly accurate RTC with integrated quartz crystal for automotive applications
Rev. 1.0-26 July 2021
PCF2131 NXP-PCF2131 Datasheet
1,022Kb / 86P
Nano-power highly accurate RTC with integrated quartz crystal
Rev. 1.0-28 May 2021
PCA2131 NXP-PCA2131_V01 Datasheet
866Kb / 85P
Nano-power highly accurate RTC with integrated quartz crystal for automotive applications
Rev. 2.0 - 5 October 2023
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com