Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PF1550 Datasheet (PDF) - NXP Semiconductors

PF1550 Datasheet PDF - NXP Semiconductors
Part # PF1550
Download  PF1550 Download
File Size   1414.57 Kbytes
Page   150 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Power management integrated circuit (PMIC) for low power application processors

PF1550 Datasheet (PDF)

Go To PDF Page Download Datasheet
PF1550 Datasheet PDF - NXP Semiconductors

Part # PF1550
Download  PF1550 Click to download

File Size   1414.57 Kbytes
Page   150 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description Power management integrated circuit (PMIC) for low power application processors

PF1550 Datasheet (HTML) - NXP Semiconductors


PF1550 Product details

General description
The PF1550 is a power management integrated circuit (PMIC) designed specifically for
use with i.MX processors on low-power portable, smart wearable and Internet-of-Things
(IoT) applications. It is also capable of providing full power solution to i.MX 7ULP, i.MX
6SL, 6UL, 6ULL, and 6SX processors.
With three high-efficiency buck converter, three linear regulators, RTC supply, and battery
linear charger, the PF1550 can provide power for a complete battery-powered system,
including application processors, memory, and system peripherals.

1.1 Features and benefits
This section summarizes the PF1550 features:
• Input voltage range to PMIC VBUSIN pin via USB bus or AC adapter: 4.1 V to 6.0 V
• Buck converters:
– SW1, 1.0 A; 0.6 V to 1.3875 V in 12.5 mV steps, or 1.1 V to 3.3 V in variable steps
– SW2, 1.0 A; 0.6 V to 1.3875 V in 12.5 mV steps, or 1.1 V to 3.3 V in variable steps
– SW3, 1.0 A; 1.8 V to 3.3 V in 100 mV steps
– Soft start
– Quiescent current 1.0 μA in ULP mode with light load
– Peak efficiency > 90 %
– Dynamic voltage scaling on SW1 and SW2
– Modes: forced PWM quasi-fixed frequency mode, adaptive variable-frequency mode
– Programmable output voltage, current limit, and soft start
• LDO regulators
– LDO1, 0.75 V to 1.5 V/1.8 to 3.3 V, 300 mA with load switch mode
– LDO2, 1.8 V to 3.3 V, 400 mA
– LDO3, 0.75 V to 1.5 V/1.8 V to 3.3 V, 300 mA with load switch mode
– Quiescent current < 1.5 μA in Low-power mode
– Programmable output voltage
– Soft start and ramp
– Current limit protection
• Battery charger
– Supports single-cell Lithium Ion/Lithium Polymer batteries
– Linear charging (10 mA to 1500 mA input limit)
– Up to 6.5 V input operating range
– VSYS regulator can withstand transient and DC inputs from 0 V up to +22 V
– Programmable charge voltage (3.5 V to 4.44 V)
– Programmable charge current (100 mA to 1000 mA)
– Programmable charge termination current (5.0 mA to 50 mA)
– Integrated 50 mΩ battery isolation MOSFET for operation with no/low battery
– Battery supplement mode
– Battery discharge overcurrent protection, up to 3.0 A
– USB_PHY low dropout linear regulator
– Programmable LED driver (status indicator)
– JEITA-compliant battery temp sensing and charger control
– Key charging parameters can be configured and permanently stored in OTP
– I2C Control Interface permitting processor control and event detection
• LDO/switch supply
– RTC supply VSNVS 3.0 V, 2.0 mA
– Battery backed memory including coin cell charger
• DDR memory reference voltage, VREFDDR, 0.5 V to 0.9 V, 10 mA
• OTP (One time programmable) memory for device configuration
– User programmable start-up sequence, timing, soft-start, and power-down sequence
– Programmable regulator output voltages and charger parameters
• I2C interface
• User programmable Standby, Sleep/Low-power, and Off (REGS_DISABLE) modes
• Ambient temperature range −40 °C to 105 °C

Applications
• Smart mobile/wearable devices
• Low-power IoT applications
• Wireless game controllers
• Embedded monitoring systems
• Home automation
• POS
• E-Read




Similar Part No. - PF1550

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PF1550 NXP-PF1550 Datasheet
1Mb / 150P
Power management integrated circuit (PMIC) for low power application processors
Rev. 5-10 June 2019
PF1550 NXP-PF1550 Datasheet
242Kb / 3P
POWER MANAGEMENT INTEGRATED CIRCUITS (PMICS)
REV 8
More results


Similar Description - PF1550

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34708 FREESCALE-MC34708 Datasheet
5Mb / 159P
Power Management Integrated Circuit (PMIC) for i.MX50/53 Families
MC13892JVLR2 FREESCALE-MC13892JVLR2 Datasheet
260Kb / 2P
Power Management Integrated Circuit (PMIC) for the i.MX35/51
logo
Linear Technology
LTC3676 LINER-LTC3676_15 Datasheet
559Kb / 38P
Power Management Solution for Application Processors
LTC3676-1 LINER-LTC3676-1_15 Datasheet
559Kb / 38P
Power Management Solution for Application Processors
LTC3676EUJ LINER-LTC3676EUJ Datasheet
558Kb / 14P
Power Management Solution for Application Processors
LTC3676 LINER-LTC3676 Datasheet
517Kb / 38P
Power Management Solution for Application Processors
logo
NXP Semiconductors
PF1550 NXP-PF1550 Datasheet
1Mb / 150P
Power management integrated circuit (PMIC) for low power application processors
Rev. 5-10 June 2019
PF1510 NXP-PF1510 Datasheet
961Kb / 108P
Power management integrated circuit (PMIC) for low power application processors
Rev. 3-7 April 2020
PF5023 NXP-PF5023 Datasheet
860Kb / 91P
Power management integrated circuit (PMIC) for high performance applications
Rev. 1-15 April 2020
PF5024 NXP-PF5024 Datasheet
871Kb / 93P
Power management integrated circuit (PMIC) for high performance applications
Rev. 1-15 April 2020
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com