Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVT273DB Datasheet (PDF) - NXP Semiconductors

74LVT273DB Datasheet PDF - NXP Semiconductors
Part # 74LVT273DB
Download  74LVT273DB Download
File Size   94.12 Kbytes
Page   11 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 3.3V Octal D flip-flop

74LVT273DB Datasheet (PDF)

Go To PDF Page Download Datasheet
74LVT273DB Datasheet PDF - NXP Semiconductors

Part # 74LVT273DB
Download  74LVT273DB Click to download

File Size   94.12 Kbytes
Page   11 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description 3.3V Octal D flip-flop

74LVT273DB Datasheet (HTML) - NXP Semiconductors


74LVT273DB Product details

DESCRIPTION
The LVT273 is a high-performance BiCMOS product designed for VCC operation at 3.3V.
   
FEATURES
• Eight edge-triggered D-type flip-flops
• Buffered common clock
• Buffered asynchronous Master Reset
• Output capability: +64mA/–32mA
• TTL input and output switching levels
• Input and output interface capability to systems at 5V supply
• Bus-hold data inputs eliminate the need for external pull-up
    resistors to hold unused inputs
• Power-up reset
• Live insertion/extraction permitted
• No bus current loading when output is tied to 5V bus
• Latchup protection exceeds 500 mA per JEDEC Std 17
• ESD protection exceeds 2000V per Mil Std 883 Method 3015 and
    200V per Machine Model.
   




Similar Part No. - 74LVT273DB

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT273DB NXP-74LVT273DB Datasheet
107Kb / 17P
3.3 V octal D-type flip-flop
Rev. 03-10 September 2008
More results


Similar Description - 74LVT273DB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC273 NSC-54AC273 Datasheet
157Kb / 8P
Octal D Flip-Flop
54F273DM NSC-54F273DM Datasheet
167Kb / 8P
Octal D Flip-Flop
logo
ON Semiconductor
MC74AC273 ONSEMI-MC74AC273 Datasheet
187Kb / 7P
OCTAL D FLIP-FLOP
May, 2001 ??Rev. 5
logo
NXP Semiconductors
74F273A PHILIPS-74F273A Datasheet
79Kb / 10P
Octal D flip-flop
1996 Mar 12
74LVT574 PHILIPS-74LVT574 Datasheet
98Kb / 12P
3.3V Octal D-type flip-flop 3-State
1998 Feb 19
logo
Hitachi Semiconductor
HD74AC273 HITACHI-HD74AC273 Datasheet
60Kb / 10P
Octal D Flip-Flop
logo
National Semiconductor ...
74FCT273 NSC-74FCT273 Datasheet
168Kb / 8P
Octal D Flip-Flop
logo
Pericom Semiconductor C...
PI74LCX374 PERICOM-PI74LCX374 Datasheet
162Kb / 6P
Fast CMOS 3.3V Octal D Flip-Flop
PI74LPT374 PERICOM-PI74LPT374 Datasheet
411Kb / 6P
Fast CMOS 3.3V Octal D Flip-Flop
logo
ON Semiconductor
MC74AC273 ONSEMI-MC74AC273_16 Datasheet
97Kb / 8P
Octal D Flip-Flop
December, 2016 ??Rev. 8
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com