Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCV61 Datasheet (PDF) - Nexperia B.V. All rights reserved

BCV61 Datasheet PDF - Nexperia B.V. All rights reserved
Part # BCV61
Download  BCV61 Download
File Size   801.55 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description PNP general-purpose double transistors

BCV61 Datasheet (PDF)

Go To PDF Page Download Datasheet
BCV61 Datasheet PDF - Nexperia B.V. All rights reserved

Part # BCV61
Download  BCV61 Click to download

File Size   801.55 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description PNP general-purpose double transistors

BCV61 Datasheet (HTML) - Nexperia B.V. All rights reserved


BCV61 Product details

Features and benefits
* Low current (max. 100 mA)
* Low voltage (max. 30 V)
* Matched pairs
* AEC-Q101 qualified
* Small SMD plastic package




Similar Part No. - BCV61

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCV61 PHILIPS-BCV61 Datasheet
50Kb / 8P
NPN general purpose double transistor
1999 Apr 08
logo
Siemens Semiconductor G...
BCV61 SIEMENS-BCV61 Datasheet
95Kb / 5P
NPN Silicon Double Transistors (To be used as a current mirror Good thermal coupling and VBE matching)
logo
Infineon Technologies A...
BCV61 INFINEON-BCV61 Datasheet
49Kb / 5P
NPN Silicon Double Transistor
Jul-10-2001
BCV61 INFINEON-BCV61 Datasheet
181Kb / 7P
NPN Silicon Double Transistor
2007-08-09
logo
Guangdong Kexin Industr...
BCV61 KEXIN-BCV61 Datasheet
131Kb / 3P
NPN general purpose double transistor
More results


Similar Description - BCV61

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC859 PHILIPS-BC859 Datasheet
46Kb / 8P
PNP general purpose transistors
1999 May 28
BCX17 PHILIPS-BCX17 Datasheet
42Kb / 8P
PNP general purpose transistors
1999 May 31
BCX71 PHILIPS-BCX71 Datasheet
43Kb / 8P
PNP general purpose transistors
1999 Apr 20
PIMZ2 PHILIPS-PIMZ2 Datasheet
53Kb / 9P
NPN/PNP general-purpose double transistors
Rev. 05-24 November 2004
PIMZ2 NXP-PIMZ2 Datasheet
106Kb / 9P
NPN/PNP general-purpose double transistors
Rev. 06-17 November 2009
BCV62 PHILIPS-BCV62_15 Datasheet
154Kb / 14P
PNP general-purpose double transistors
Rev. 4-26 July 2010
logo
Nexperia B.V. All right...
BC807RA NEXPERIA-BC807RA Datasheet
250Kb / 11P
45 V, 500 mA PNP/PNP general-purpose double transistors
BC857RA NEXPERIA-BC857RA Datasheet
240Kb / 11P
45 V, 100 mA PNP/PNP general-purpose double transistors
BC807DS NEXPERIA-BC807DS Datasheet
201Kb / 8P
PNP/PNP general purpose double transistors
3 May 2019
PEMT1 NEXPERIA-PEMT1 Datasheet
178Kb / 7P
PNP/PNP general purpose double transistor
29 December 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com