Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC1443D Datasheet (PDF) - Renesas Technology Corp

ADC1443D Datasheet PDF - Renesas Technology Corp
Part # ADC1443D
Download  ADC1443D Download
File Size   4121.49 Kbytes
Page   53 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 14-bit ADC; 125, 160 or 185 Msps; JESD204A/B serial outputs

ADC1443D Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC1443D Datasheet PDF - Renesas Technology Corp

Part # ADC1443D
Download  ADC1443D Click to download

File Size   4121.49 Kbytes
Page   53 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Dual 14-bit ADC; 125, 160 or 185 Msps; JESD204A/B serial outputs

ADC1443D Datasheet (HTML) - Renesas Technology Corp


ADC1443D Product details

1. General description
The ADC1443D is a dual channel 14-bit Analog-to-Digital Converter (ADC) with
JESD204B interface (which is backward compatible with the JESD204A interface)
optimized for high dynamic performance and low power consumption at sample rates up
to 185 Msps. Pipelined architecture and output error correction guarantee zero missing
codes over the entire operating range.
Supplied from a single 1.8 V source, the ADC1443D has JESD204B serial outputs over a
configurable number of lanes (1 or 2). Multiple Device Synchronization (MDS) allows
sample-accurate synchronization of the data outputs of multiple ADC devices. It
guarantees a maximum skew of one clock period between as many as 16 output lanes
from up to eight ADC1443D devices.
An integrated Serial Peripheral Interface (SPI) allows easy configuration of the ADC. The
device also includes a programmable full-scale to allow a flexible input voltage range of
1 V (p-p) to 2 V (p-p).
With an analog banwidth from the baseband to input frequencies of up to 1 GHz (typical),
the ADC1443D is ideal for use in undersampled multi-carrier, multistandard
communication system applications.

2. Features and benefits
 Dual channel 14-bit resolution ADC  SNR = 70.6 dBFS (typical);
fs = 154 Msps; fi
= 190 MHz
 Sampling rate up to 185 Msps  SFDR = 86 dBc (typical); fs = 154 Msps;
fi
= 190 MHz
 JESD204B Device Subclass 0, 1 and 2
with harmonic clocking and deterministic
latency support
 IMD3 = 88 dBc (typical); fs = 154 Msps;
fi1 = 188.5 MHz; fi2 = 191.5 MHz
 ADC Multiple Device Synchronization
(MDS)
 Analog input bandwidth of 1 GHz
(typical)
 Two JESD204B serial output lanes, up
to 5 Gbps typical
 Pin to pin compatible with ADC1413D
series
 Single 1.8 V supply  Typical power dissipation = 0.8 W;
fs = 154 Msps
 Offset binary, two’s complement and
Gray output data
 Power-down and sleep modes




Similar Part No. - ADC1443D

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ADC1443D IDT-ADC1443D Datasheet
1Mb / 49P
Dual channel 14-bit ADC; 125, 160 or 200 Msps; JESD204B serial outputs
ADC1443D125HD IDT-ADC1443D125HD Datasheet
1Mb / 49P
Dual channel 14-bit ADC; 125, 160 or 200 Msps; JESD204B serial outputs
ADC1443D125HD IDT-ADC1443D125HD Datasheet
928Kb / 50P
Dual channel 14-bit ADC; 125, 160 or 200 Msps; JESD204B-compliant CGVxpress serial outputs
ADC1443D125HD-C1 IDT-ADC1443D125HD-C1 Datasheet
928Kb / 50P
Dual channel 14-bit ADC; 125, 160 or 200 Msps; JESD204B-compliant CGVxpress serial outputs
ADC1443D160HD IDT-ADC1443D160HD Datasheet
1Mb / 49P
Dual channel 14-bit ADC; 125, 160 or 200 Msps; JESD204B serial outputs
More results


Similar Description - ADC1443D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1413D NXP-ADC1413D Datasheet
391Kb / 43P
Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 04-23 April 2010
ADC1413D NXP-ADC1413D_11 Datasheet
1Mb / 43P
Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 5-9 February 2011
ADC1413S NXP-ADC1413S Datasheet
805Kb / 38P
Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 2-8 June 2011
ADC1413D_1106 PHILIPS-ADC1413D_1106 Datasheet
727Kb / 43P
Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps;serial JESD204A interface
Rev. 6-8 June 2011
logo
Integrated Device Techn...
ADC1413D IDT-ADC1413D Datasheet
665Kb / 41P
Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
ADC1413S IDT-ADC1413S Datasheet
769Kb / 36P
Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
ADC1443D IDT-ADC1443D Datasheet
1Mb / 49P
Dual channel 14-bit ADC; 125, 160 or 200 Msps; JESD204B serial outputs
ADC1443D125HD-C1 IDT-ADC1443D125HD-C1 Datasheet
928Kb / 50P
Dual channel 14-bit ADC; 125, 160 or 200 Msps; JESD204B-compliant CGVxpress serial outputs
logo
Renesas Technology Corp
ADC1413D RENESAS-ADC1413D Datasheet
669Kb / 41P
Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
ADC1413S RENESAS-ADC1413S Datasheet
773Kb / 36P
Single 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com